Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTUD3170NZ Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTUD3170NZ
Description  Small Signal MOSFET 20 V, 220 mA, Dual N?묬hannel, 1.0 mm x 1.0 mm SOT??63 Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTUD3170NZ Datasheet(HTML) 1 Page - ON Semiconductor

  NTUD3170NZ Datasheet HTML 1Page - ON Semiconductor NTUD3170NZ Datasheet HTML 2Page - ON Semiconductor NTUD3170NZ Datasheet HTML 3Page - ON Semiconductor NTUD3170NZ Datasheet HTML 4Page - ON Semiconductor NTUD3170NZ Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2008
August, 2008 − Rev. 0
1
Publication Order Number:
NTUD3170NZ/D
NTUD3170NZ
Small Signal MOSFET
20 V, 220 mA, Dual N−Channel, 1.0 mm x
1.0 mm SOT−963 Package
Features
Dual N−Channel MOSFET
Offers a Low RDS(ON) Solution in the Ultra Small 1.0 x 1.0 mm
Package
1.5 V Gate Voltage Rating
Ultra Thin Profile (< 0.5 mm) Allows It to Fit Easily into Extremely
Thin Environments such as Portable Electronics
This is a Pb−Free Device
Applications
General Purpose Interfacing Switch
Optimized for Power Management in Ultra Portable Equipment
Analog Switch
MAXIMUM RATINGS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
20
V
Gate−to−Source Voltage
VGS
±8
V
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
220
mA
TA = 85°C
160
t v 5 s
TA = 25°C
280
Power Dissipation
(Note 1)
Steady
State
TA = 25°C
PD
125
mW
t v 5 s
200
Pulsed Drain Current
tp = 10 ms
IDM
800
mA
Operating Junction and Storage Temperature
TJ,
TSTG
−55 to
150
°C
Source Current (Body Diode) (Note 2)
IS
200
mA
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface−mounted on FR4 board using the minimum recommended pad size,
1 oz Cu.
2. Pulse Test: pulse width v300 ms, duty cycle v2%
http://onsemi.com
Top View
D1
G2
S2
S1
G1
6
5
4
1
2
3
D2
PINOUT: SOT−963
D1
S1
G1
N−Channel
MOSFET
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
V(BR)DSS
RDS(ON) MAX
ID Max
20 V
1.5 W @ 4.5 V
2.0 W @ 2.5 V
0.22 A
3.0 W @ 1.8 V
4.5 W @ 1.5 V
SOT−963
CASE 527AD
MARKING
DIAGRAM
3
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
3 M G
1
D2
S2
G2


Similar Part No. - NTUD3170NZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTUD3171PZ ONSEMI-NTUD3171PZ Datasheet
108Kb / 5P
   Small Signal MOSFET ??0 V, ??00 mA, Dual P?묬hannel, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3171PZT5G ONSEMI-NTUD3171PZT5G Datasheet
108Kb / 5P
   Small Signal MOSFET ??0 V, ??00 mA, Dual P?묬hannel, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
More results

Similar Description - NTUD3170NZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTUD3169CZ ONSEMI-NTUD3169CZ Datasheet
124Kb / 8P
   Small Signal MOSFET 20 V, 220 mA / ??00 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3171PZ ONSEMI-NTUD3171PZ Datasheet
108Kb / 5P
   Small Signal MOSFET ??0 V, ??00 mA, Dual P?묬hannel, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3127C ONSEMI-NTUD3127C Datasheet
119Kb / 8P
   Small Signal MOSFET 20 V, 200 mA / ??80 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 1
NTUD3128N ONSEMI-NTUD3128N Datasheet
87Kb / 5P
   Small Signal MOSFET 20 V, 200 mA, Dual N-Channel, 1.0 mm x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
NTUD3129P ONSEMI-NTUD3129P Datasheet
87Kb / 5P
   Small Signal MOSFET -20 V, -180 mA, Dual P-Channel, 1.0 x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
NTNS3164NZ ONSEMI-NTNS3164NZ_13 Datasheet
125Kb / 6P
   Small Signal MOSFET 20 V, 361 mA, Single N.Channel, SOT.883 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
March, 2013 ??Rev. 0
NTZS3151P ONSEMI-NTZS3151P Datasheet
136Kb / 5P
   Small Signal MOSFET ??0 V, ??50 mA, P?묬hannel SOT??63
March, 2006 ??Rev. 2
NTNS3A65PZ ONSEMI-NTNS3A65PZ Datasheet
123Kb / 6P
   ??0 V, ??81 mA, Single P?묬hannel, SOT??83 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
September, 2012 ??Rev. 0
NTZD3154N ONSEMI-NTZD3154N Datasheet
139Kb / 5P
   Small Signal MOSFET 20 V, 540 mA, Dual N?묬hannel
March, 2006 ??Rev. 1
NTNS3164NZ ONSEMI-NTNS3164NZ Datasheet
100Kb / 4P
   20 V, 245 mA, Single N.Channel, SOT.883 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
June, 2012 ??Rev. P1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com