Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTUD3170NZ Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTUD3170NZ
Description  Small Signal MOSFET 20 V, 220 mA, Dual N?묬hannel, 1.0 mm x 1.0 mm SOT??63 Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTUD3170NZ Datasheet(HTML) 5 Page - ON Semiconductor

  NTUD3170NZ Datasheet HTML 1Page - ON Semiconductor NTUD3170NZ Datasheet HTML 2Page - ON Semiconductor NTUD3170NZ Datasheet HTML 3Page - ON Semiconductor NTUD3170NZ Datasheet HTML 4Page - ON Semiconductor NTUD3170NZ Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NTUD3170NZ
http://onsemi.com
5
PACKAGE DIMENSIONS
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.35
0.014
0.20
0.008
mm
inches
SCALE 20:1
0.90
0.0354
0.35
0.014
0.20
0.008
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.34
0.37
0.40
b
0.10
0.15
0.20
C
0.07
0.12
0.17
D
0.95
1.00
1.05
E
0.75
0.80
0.85
e
0.35 BSC
L
0.05
0.10
0.15
0.95
1.00
1.05
HE
e
b
E
D
C
A
L
C
0.08
HE
6X
A
12
3
4
5
6
0.004
0.006
0.008
0.003
0.005
0.007
0.037
0.039
0.041
0.03
0.032
0.034
0.014 BSC
0.002
0.004
0.006
0.037
0.039
0.041
MIN
NOM
MAX
INCHES
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD THICKNESS
IS THE MINIMUM THICKNESS OF BASE MATERIAL.
A
B
B
C
SOT−963
CASE 527AD−01
ISSUE D
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NTUD3170NZ/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NTUD3170NZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTUD3171PZ ONSEMI-NTUD3171PZ Datasheet
108Kb / 5P
   Small Signal MOSFET ??0 V, ??00 mA, Dual P?묬hannel, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3171PZT5G ONSEMI-NTUD3171PZT5G Datasheet
108Kb / 5P
   Small Signal MOSFET ??0 V, ??00 mA, Dual P?묬hannel, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
More results

Similar Description - NTUD3170NZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTUD3169CZ ONSEMI-NTUD3169CZ Datasheet
124Kb / 8P
   Small Signal MOSFET 20 V, 220 mA / ??00 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3171PZ ONSEMI-NTUD3171PZ Datasheet
108Kb / 5P
   Small Signal MOSFET ??0 V, ??00 mA, Dual P?묬hannel, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3127C ONSEMI-NTUD3127C Datasheet
119Kb / 8P
   Small Signal MOSFET 20 V, 200 mA / ??80 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 1
NTUD3128N ONSEMI-NTUD3128N Datasheet
87Kb / 5P
   Small Signal MOSFET 20 V, 200 mA, Dual N-Channel, 1.0 mm x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
NTUD3129P ONSEMI-NTUD3129P Datasheet
87Kb / 5P
   Small Signal MOSFET -20 V, -180 mA, Dual P-Channel, 1.0 x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
NTNS3164NZ ONSEMI-NTNS3164NZ_13 Datasheet
125Kb / 6P
   Small Signal MOSFET 20 V, 361 mA, Single N.Channel, SOT.883 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
March, 2013 ??Rev. 0
NTZS3151P ONSEMI-NTZS3151P Datasheet
136Kb / 5P
   Small Signal MOSFET ??0 V, ??50 mA, P?묬hannel SOT??63
March, 2006 ??Rev. 2
NTNS3A65PZ ONSEMI-NTNS3A65PZ Datasheet
123Kb / 6P
   ??0 V, ??81 mA, Single P?묬hannel, SOT??83 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
September, 2012 ??Rev. 0
NTZD3154N ONSEMI-NTZD3154N Datasheet
139Kb / 5P
   Small Signal MOSFET 20 V, 540 mA, Dual N?묬hannel
March, 2006 ??Rev. 1
NTNS3164NZ ONSEMI-NTNS3164NZ Datasheet
100Kb / 4P
   20 V, 245 mA, Single N.Channel, SOT.883 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
June, 2012 ??Rev. P1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com