Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTUD3169CZ Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTUD3169CZ
Description  Small Signal MOSFET 20 V, 220 mA / ??00 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTUD3169CZ Datasheet(HTML) 1 Page - ON Semiconductor

  NTUD3169CZ Datasheet HTML 1Page - ON Semiconductor NTUD3169CZ Datasheet HTML 2Page - ON Semiconductor NTUD3169CZ Datasheet HTML 3Page - ON Semiconductor NTUD3169CZ Datasheet HTML 4Page - ON Semiconductor NTUD3169CZ Datasheet HTML 5Page - ON Semiconductor NTUD3169CZ Datasheet HTML 6Page - ON Semiconductor NTUD3169CZ Datasheet HTML 7Page - ON Semiconductor NTUD3169CZ Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2008
August, 2008 − Rev. 0
1
Publication Order Number:
NTUD3169CZ/D
NTUD3169CZ
Small Signal MOSFET
20 V, 220 mA / −200 mA, Complementary,
1.0 x 1.0 mm SOT−963 Package
Features
Complementary MOSFET Device
Offers a Low RDS(on) Solution in the Ultra Small 1.0x1.0 mm
Package
1.5 V Gate Voltage Rating
Ultra Thin Profile (< 0.5 mm) Allows It to Fit Easily into Extremely
Thin Environments such as Portable Electronics.
This is a Pb−Free Device
Applications
Load Switch with Level Shift
Optimized for Power Management in Ultra Portable Equipment
MAXIMUM RATINGS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
20
V
Gate−to−Source Voltage
VGS
±8
V
N−Channel
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
220
mA
TA = 85°C
160
t v 5 s
TA = 25°C
280
P−Channel
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
−200
TA = 85°C
−140
t v 5 s
TA = 25°C
−250
Power Dissipation
(Note 1)
Steady
State
TA = 25°C
PD
125
mW
t v 5 s
200
Pulsed Drain Current
N−Channel
tp = 10 ms
IDM
800
mA
P−Channel
−600
Operating Junction and Storage Temperature
TJ,
TSTG
−55 to
150
°C
Source Current (Body Diode) (Note 2)
IS
200
mA
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface−mounted on FR4 board using the minimum recommended pad size,
1 oz. Cu.
2. Pulse Test: pulse width v300 ms, duty cycle v2%
MARKING
DIAGRAM
http://onsemi.com
V(BR)DSS
RDS(on) Max
ID Max
N−Channel
20 V
5.0 W @ −4.5 V
6.0 W @ −2.5 V
−0.2 A
P−Channel
20 V
1.5 W @ 4.5 V
2.0 W @ 2.5 V
0.22 A
7.0 W @ −1.8 V
3.0 W @ 1.8 V
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
Top View
D1
G2
S2
S1
G1
6
5
4
1
2
3
D2
PINOUT: SOT−963
NTUD3169CZT5G
SOT−963
(Pb−Free)
8000 /
Tape & Reel
2
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
10 W @ −1.5 V
4.5 W @ 1.5 V
SOT−963
CASE 527AD
2 M G
1


Similar Part No. - NTUD3169CZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTUD3127C ONSEMI-NTUD3127C Datasheet
119Kb / 8P
Small Signal MOSFET 20 V, 200 mA / ??80 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 1
NTUD3127CT5G ONSEMI-NTUD3127CT5G Datasheet
119Kb / 8P
Small Signal MOSFET 20 V, 200 mA / ??80 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 1
NTUD3128N ONSEMI-NTUD3128N Datasheet
87Kb / 5P
Small Signal MOSFET 20 V, 200 mA, Dual N-Channel, 1.0 mm x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
NTUD3128NT5G ONSEMI-NTUD3128NT5G Datasheet
87Kb / 5P
Small Signal MOSFET 20 V, 200 mA, Dual N-Channel, 1.0 mm x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
NTUD3129P ONSEMI-NTUD3129P Datasheet
87Kb / 5P
Small Signal MOSFET -20 V, -180 mA, Dual P-Channel, 1.0 x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
More results

Similar Description - NTUD3169CZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTUD3127C ONSEMI-NTUD3127C Datasheet
119Kb / 8P
Small Signal MOSFET 20 V, 200 mA / ??80 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 1
NTUD3170NZ ONSEMI-NTUD3170NZ Datasheet
107Kb / 5P
Small Signal MOSFET 20 V, 220 mA, Dual N?묬hannel, 1.0 mm x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3171PZ ONSEMI-NTUD3171PZ Datasheet
108Kb / 5P
Small Signal MOSFET ??0 V, ??00 mA, Dual P?묬hannel, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3129P ONSEMI-NTUD3129P Datasheet
87Kb / 5P
Small Signal MOSFET -20 V, -180 mA, Dual P-Channel, 1.0 x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
NTUD3128N ONSEMI-NTUD3128N Datasheet
87Kb / 5P
Small Signal MOSFET 20 V, 200 mA, Dual N-Channel, 1.0 mm x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
NTNS3164NZ ONSEMI-NTNS3164NZ_13 Datasheet
125Kb / 6P
Small Signal MOSFET 20 V, 361 mA, Single N.Channel, SOT.883 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
March, 2013 ??Rev. 0
NTZD3155C ONSEMI-NTZD3155C Datasheet
116Kb / 8P
Small Signal MOSFET Complementary 20 V, 540 mA / -430 mA, with ESD protection, SOT-563 package.
May, 2007 - Rev. 2
NTNS3164NZ ONSEMI-NTNS3164NZ Datasheet
100Kb / 4P
20 V, 245 mA, Single N.Channel, SOT.883 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
June, 2012 ??Rev. P1
NTZS3151P ONSEMI-NTZS3151P Datasheet
136Kb / 5P
Small Signal MOSFET ??0 V, ??50 mA, P?묬hannel SOT??63
March, 2006 ??Rev. 2
NTNS0K8N021Z ONSEMI-NTNS0K8N021Z Datasheet
178Kb / 6P
MOSFET - Power, Single N-Channel, Small Signal 20 V, 220 mA
January, 2021-Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com