Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTUD3129P Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTUD3129P
Description  Small Signal MOSFET -20 V, -180 mA, Dual P-Channel, 1.0 x 1.0 mm SOT-963 Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTUD3129P Datasheet(HTML) 3 Page - ON Semiconductor

  NTUD3129P Datasheet HTML 1Page - ON Semiconductor NTUD3129P Datasheet HTML 2Page - ON Semiconductor NTUD3129P Datasheet HTML 3Page - ON Semiconductor NTUD3129P Datasheet HTML 4Page - ON Semiconductor NTUD3129P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTUD3129P
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES
3.0 V
TJ = 125°C
0
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
0.16
0
Figure 1. On-Region Characteristics
3
Figure 2. Transfer Characteristics
VGS, GATE-T O-SOURCE VOLTAGE (VOLTS)
Figure 3. On-Resistance vs. Gate Voltage
Figure 4. On-Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (AMPS)
-50
0
-25
25
1.25
0.25
0
50
150
Figure 5. On-Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
TJ = -55°C
75
TJ = 25°C
ID = 180 mA
VGS = 4.5 V
TJ = 25°C
VGS = 2.5 V
1
Figure 6. Drain-to-Source Leakage Current
vs. Voltage
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
VGS = 0 V
TJ = 150°C
TJ = 125°C
1.5 V
VGS = 4.5 V
VDS ≥ 5 V
12
1.0 V
4
20
VGS = 3.5 V to 5 V
125
100
5
1
8
VGS, GATE-T O-SOURCE VOLTAGE (VOLTS)
TJ = 25°C
ID = 180 mA
4
03
5
0
2
4
1
0
2
3
10
0
25
2
0.1
0.4
0.05
0.2
0.35
0.15
0.24
1
1000
2.5 V
0.36
0
12
6
100
1.0
1.75
0.5
0.75
1.5
16
48
0.08
2.0 V
4
0.3
0.25
34
1
0.32
0.28
0.20
0.12
0.04
0.16
0
0.24
0.36
0.08
0.32
0.28
0.20
0.12
0.04
5


Similar Part No. - NTUD3129P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTUD3127C ONSEMI-NTUD3127C Datasheet
119Kb / 8P
   Small Signal MOSFET 20 V, 200 mA / ??80 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 1
NTUD3127CT5G ONSEMI-NTUD3127CT5G Datasheet
119Kb / 8P
   Small Signal MOSFET 20 V, 200 mA / ??80 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 1
NTUD3128N ONSEMI-NTUD3128N Datasheet
87Kb / 5P
   Small Signal MOSFET 20 V, 200 mA, Dual N-Channel, 1.0 mm x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
NTUD3128NT5G ONSEMI-NTUD3128NT5G Datasheet
87Kb / 5P
   Small Signal MOSFET 20 V, 200 mA, Dual N-Channel, 1.0 mm x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
More results

Similar Description - NTUD3129P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTUD3128N ONSEMI-NTUD3128N Datasheet
87Kb / 5P
   Small Signal MOSFET 20 V, 200 mA, Dual N-Channel, 1.0 mm x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
NTUD3171PZ ONSEMI-NTUD3171PZ Datasheet
108Kb / 5P
   Small Signal MOSFET ??0 V, ??00 mA, Dual P?묬hannel, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3170NZ ONSEMI-NTUD3170NZ Datasheet
107Kb / 5P
   Small Signal MOSFET 20 V, 220 mA, Dual N?묬hannel, 1.0 mm x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3127C ONSEMI-NTUD3127C Datasheet
119Kb / 8P
   Small Signal MOSFET 20 V, 200 mA / ??80 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 1
NTUD3169CZ ONSEMI-NTUD3169CZ Datasheet
124Kb / 8P
   Small Signal MOSFET 20 V, 220 mA / ??00 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTNS3164NZ ONSEMI-NTNS3164NZ_13 Datasheet
125Kb / 6P
   Small Signal MOSFET 20 V, 361 mA, Single N.Channel, SOT.883 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
March, 2013 ??Rev. 0
NTNS3164NZ ONSEMI-NTNS3164NZ Datasheet
100Kb / 4P
   20 V, 245 mA, Single N.Channel, SOT.883 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
June, 2012 ??Rev. P1
NTNS3A65PZ ONSEMI-NTNS3A65PZ Datasheet
123Kb / 6P
   ??0 V, ??81 mA, Single P?묬hannel, SOT??83 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
September, 2012 ??Rev. 0
NTNS5K0P021Z ONSEMI-NTNS5K0P021Z Datasheet
178Kb / 6P
   MOSFET ??Single P-Channel, Small Signal, XDFN3, 0.62 x 0.42 x 0.4 mm -20 V, -127 mA
June, 2019 ??Rev. 0
NTR0202PL ONSEMI-NTR0202PL Datasheet
54Kb / 6P
   Power MOSFET -20 V, -400 mA, P-Channel SOT-23 Package
July, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com