Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV04A540J-G Datasheet(PDF) 1 Page - Comchip Technology

Part # TV04A540J-G
Description  SMD Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV04A540J-G Datasheet(HTML) 1 Page - Comchip Technology

  TV04A540J-G Datasheet HTML 1Page - Comchip Technology TV04A540J-G Datasheet HTML 2Page - Comchip Technology TV04A540J-G Datasheet HTML 3Page - Comchip Technology TV04A540J-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Transient Voltage Suppressor
Working Peak Reverse Voltage: 5.0 to 170 Volts
Power Dissipation: 400 Watts
RoHS Device
Page 1
REV:B
Features
-Ideal for surface mount applications.
-Easy pick and place.
-Plastic package has Underwriters Lab.
flammability classification 94V-0.
-Typical IR less than 1μA above 10V.
-Fast response time: typically less than 1nS for
uni-direction, less than 5nS for bi-direction,
from 0V to BV min.
Mechanical data
-Case: JEDEC DO-214AC, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
-Polarity: Color band denotes cathode end.
-Approx. weight: 0.064 grams
TV04A5V0-G Thru. TV04A171-G
Maximum Ratings and Electrical Characteristics
O
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Dimensions in inches and (millimeter)
DO-214AC (SMA)
QW-BTV01
Notes:
1. Non-repetitive current pulse, per Fig. 3 and derated above TA=25
2
2. Mounted on 5.0×5.0mm copper pads to each terminal.
O
3. Lead temperature at TL=75
C per Fig.5.
4. Measured on 8.3mS single half sine-wave for uni-directional devices only.
5. Peak pulse power waveform is 10/1000μS.
Comchip Technology CO., LTD.
0.110(2.79)
0.086(2.18)
0.067(1.70)
0.051(1.29)
0.209(5.31)
0.185(4.70)
0.012(0.31)
0.006(0.15)
0.008(0.20)
0.004(0.10)
0.059(1.50)
0.035(0.89)
0.091(2.31)
0.067(1.70)
0.180(4.57)
0.160(4.06)
Peak power dissipation on 10/1000μS
waveform (Note 1, Fig. 1)
Peak pulse current on 10/1000μS
waveform (Note 1, Fig. 3)
O
Steady state power dissipation at TL=75
C
(Note 2)
Peak forward surge current, 8.3mS single
half sine-wave superimposed on rated
load, uni-directional only (Note 3)
Maximum instantaneous forward voltage
at 25.0A for uni-directional only (Note 3&4)
Maximum operating junction temperature
Storage temperature range
Value
Units
Symbol
Characteristics
PPPM
IPPM
PM(AV)
IFSM
VF
TJ
TSTG
400
See Table 1
1.0
40
3.5
150
-55 to +150
Watts
A
Watts
A
V
OC
OC
SMD Diodes Specialist
°C, per Fig. 2.


Similar Part No. - TV04A540J-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A540J-HF COMCHIP-TV04A540J-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV04A540J-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com