Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F4031 Datasheet(PDF) 4 Page - Integrated Technology Future

Part # F4031
Description  SAW Bandpass Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F4031 Datasheet(HTML) 4 Page - Integrated Technology Future

  F4031 Datasheet HTML 1Page - Integrated Technology Future F4031 Datasheet HTML 2Page - Integrated Technology Future F4031 Datasheet HTML 3Page - Integrated Technology Future F4031 Datasheet HTML 4Page - Integrated Technology Future F4031 Datasheet HTML 5Page - Integrated Technology Future F4031 Datasheet HTML 6Page - Integrated Technology Future F4031 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SAW Bandpass Filter F4031
Part No.
F4031
Rev. Date
2004-11-01
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NS4002-AS02
4/7
Typical Performance ( at 25℃ )
CH1
S 21
log MAG
10 dB/
REF 2.641 dB
CH1 CENTER 403.500 000 MHz
SPAN 100.000 000 MHz
Cor
PRm
24
1
2
2_: .2079 dB
4.000 000 MHz
REF=1
mean:-2.459 5 dB
s.dev: .1075 dB
p-p: .3507 dB
CH1
S 21
log MAG
10 dB/
REF 2.641 dB
CH1 START
.010 000 MHz
STOP 1 000.000 000 MHz
Cor
PRm
24
1
1_:-2.4649 dB
403.500 000 MHz


Similar Part No. - F4031

ManufacturerPart #DatasheetDescription
logo
Powerbox
F40 POWERBOX-F40 Datasheet
493Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
Ohmite Mfg. Co.
F40 OHMITE-F40 Datasheet
360Kb / 3P
   Stackable
logo
XP Power Limited
F40 XPPOWER-F40 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Aries Electronics, Inc.
F40 ARIES-F40 Datasheet
447Kb / 1P
   This female DIP strip is used in conjunction with Aries??Shorting
logo
XP Power Limited
F40/F40CT XPPOWER-F40/F40CT Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results

Similar Description - F4031

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com