Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16068 Datasheet(PDF) 35 Page - Maxim Integrated Products

Part # MAX16068
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16068 Datasheet(HTML) 35 Page - Maxim Integrated Products

Back Button MAX16068 Datasheet HTML 31Page - Maxim Integrated Products MAX16068 Datasheet HTML 32Page - Maxim Integrated Products MAX16068 Datasheet HTML 33Page - Maxim Integrated Products MAX16068 Datasheet HTML 34Page - Maxim Integrated Products MAX16068 Datasheet HTML 35Page - Maxim Integrated Products MAX16068 Datasheet HTML 36Page - Maxim Integrated Products MAX16068 Datasheet HTML 37Page - Maxim Integrated Products MAX16068 Datasheet HTML 38Page - Maxim Integrated Products MAX16068 Datasheet HTML 39Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
______________________________________________________________________________________ 35
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Applications Information
Device Behavior at Power-Up
When VCC is ramped from 0V, the RESET output is
high impedance until VCC reaches 1.4V, at which point
RESET goes low. All other outputs are high impedance
until VCC reaches 2.7V, then the flash contents are cop-
ied into register memory. This takes 150Fs (max) after
which the outputs assume their programmed states.
Programming the MAX16068 in Circuit
The MAX16068 can be programmed in the application
circuit by taking into account the following points during
circuit design:
U
The MAX16068 needs to be powered from an inter-
mediate voltage bus or an auxiliary voltage supply so
programming can occur even when the board’s power
supplies are off. This could also be achieved by using
ORing diodes so that power can be provided through
the programming connector.
U
The SMBus or JTAG bus lines should not connect
through a bus multiplexer powered from a voltage rail
controlled by the MAX16068. If the device needs to be
controlled by an on-board FP, consider connecting the
F
P to one bus (such as SMBus) and use the other bus
for in-circuit programming.
Maintaining Power During
a Fault Condition
Power to the MAX16068 must be maintained for a spe-
cific period of time to ensure a successful flash fault
log operation during a fault that removes power to the
circuit. Table 25 shows that the amount of time required
depends on the settings in the fault control register
(r6Dh[1:0]).
Maintain power for shutdown during fault conditions in
applications where the always-on power supply cannot
be relied upon by placing a diode and a large capacitor
between the voltage source, VIN, and VCC (Figure 12).
The capacitor value depends on VIN and the time delay
required, tFAULT_SAVE. Use the following formula to cal-
culate the capacitor size:
C = (tFAULT_SAVE x ICC(MAX))/(VIN - VDIODE - VUVLO)
where the capacitance is in Farads and tFAULT_SAVE is in
seconds, ICC(MAX) is 14mA, VDIODE is the voltage drop
across the diode, and VUVLO is 2.7V. For example, with
a VIN of 14V, a diode drop of 0.7V, and a tFAULT_SAVE
of 153ns, the minimum required capacitance is 202FF.
Table 25. RESET State, Flash State, and Reset Reason
Figure 12. Power Circuit for Shutdown During Fault Conditions
REGISTER ADDRESS
BIT RANGE
DESCRIPTION
r20h
[0]
Reset output state
0 = RESET is low
1 = RESET is high
[1]
1 = Flash memory is busy
[2]
1 = Last reset asserted due to EN going low
[3]
1 = Last reset asserted due to watchdog timeout
[7:4]
Not used
MAX16068
VCC
C
VIN
GND


Similar Part No. - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16060_TE++ MAXIM-MAX16060_TE+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16061_TP++ MAXIM-MAX16061_TP+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
More results

Similar Description - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
   12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com