Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16068 Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # MAX16068
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16068 Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button MAX16068 Datasheet HTML 29Page - Maxim Integrated Products MAX16068 Datasheet HTML 30Page - Maxim Integrated Products MAX16068 Datasheet HTML 31Page - Maxim Integrated Products MAX16068 Datasheet HTML 32Page - Maxim Integrated Products MAX16068 Datasheet HTML 33Page - Maxim Integrated Products MAX16068 Datasheet HTML 34Page - Maxim Integrated Products MAX16068 Datasheet HTML 35Page - Maxim Integrated Products MAX16068 Datasheet HTML 36Page - Maxim Integrated Products MAX16068 Datasheet HTML 37Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
______________________________________________________________________________________ 33
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Exit1-IR: A rising edge on TCK with TMS low puts the
controller in the pause-IR state. If TMS is high on the ris-
ing edge of TCK, the controller enters the update-IR state.
Pause-IR: Shifting of the instruction shift register halts
temporarily. With TMS high, a rising edge on TCK puts
the controller in the exit2-IR state. The controller remains
in the pause-IR state if TMS is low during a rising edge
on TCK.
Exit2-IR: A rising edge on TCK with TMS high puts the
controller in the update-IR state. The controller loops
back to shift-IR if TMS is low during a rising edge of TCK
in this state.
Update-IR: The instruction code that has been shifted
into the instruction shift register latches to the parallel
outputs of the instruction register on the falling edge of
TCK as the controller enters this state. Once latched,
this instruction becomes the current instruction. A rising
edge on TCK with TMS low puts the controller in the run-
test/idle state. With TMS high, the controller enters the
select-DR-scan state.
Instruction Register
The instruction register contains a shift register as well
as a latched 5-bit wide parallel output. When the TAP
controller enters the shift-IR state, the instruction shift
register connects between TDI and TDO. While in the
shift-IR state, a rising edge on TCK with TMS low shifts
the data one stage toward the serial output at TDO. A
rising edge on TCK in the exit1-IR state or the exit2-IR
state with TMS high moves the controller to the update-
IR state. The falling edge of that same TCK latches the
data in the instruction shift register to the instruction
register parallel output. Table 21 shows the instructions
supported by the MAX16068 and the respective opera-
tional binary codes.
BYPASS: When the BYPASS instruction is latched into
the instruction register, TDI connects to TDO through the
1-bit bypass test data register. This allows data to pass
from TDI to TDO without affecting the device’s operation.
IDCODE: When the IDCODE instruction is latched into
the parallel instruction register, the identification data
register is selected. The device identification code is
loaded into the identification data register on the rising
edge of TCK following entry into the capture-DR state.
Shift-DR can be used to shift the identification code
out serially through TDO. During test-logic-reset, the
IDCODE instruction is forced into the instruction register.
The identification code always has a ‘1’ in the LSB posi-
tion. The next 11 bits identify the manufacturer’s JEDEC
number and number of continuation bytes followed by
16 bits for the device and 4 bits for the version. See
Table 22.
Table 21. JTAG Instruction Set
Table 22. 32-Bit Identification Code
INSTRUCTION
CODE
NOTES
BYPASS
0x1F
Mandatory instruction code
IDCODE
0x00
Load manufacturer ID code/part number
USERCODE
0x03
Load user code
LOAD ADDRESS
0x04
Load address register content
READ DATA
0x05
Read data pointed by current address
WRITE DATA
0x06
Write data pointed by current address
REBOOT
0x07
Reboot FLASH data content into register file
SAVE
0x08
Trigger emergency save to flash
SETFLSHADD
0x09
Flash page access ON
RSTFLSHADD
0x0A
Flash page access OFF
SETUSRFLSH
0x0B
User flash access ON (must be in flash page already)
RSTUSRFLSH
0x0C
User flash access OFF (return to flash page)
MSB
LSB
VERSION (4 BITS)
PART NUMBER (16 BITS)
MANUFACTURER (11 BITS)
FIXED VALUE (1 BIT)
0001
1000000000000010
00011001011
1


Similar Part No. - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16060_TE++ MAXIM-MAX16060_TE+ Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16061_TP++ MAXIM-MAX16061_TP+ Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
More results

Similar Description - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com