Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16068 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAX16068
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16068 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAX16068 Datasheet HTML 25Page - Maxim Integrated Products MAX16068 Datasheet HTML 26Page - Maxim Integrated Products MAX16068 Datasheet HTML 27Page - Maxim Integrated Products MAX16068 Datasheet HTML 28Page - Maxim Integrated Products MAX16068 Datasheet HTML 29Page - Maxim Integrated Products MAX16068 Datasheet HTML 30Page - Maxim Integrated Products MAX16068 Datasheet HTML 31Page - Maxim Integrated Products MAX16068 Datasheet HTML 32Page - Maxim Integrated Products MAX16068 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
______________________________________________________________________________________ 29
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Figure 9. SMBus Protocols
SEND BYTE FORMAT
S
ADDRESS
SLAVE ADDRESS: Address
of the slave on the serial
interface bus.
DATA BYTE: Presets the internal
address pointer or represents
a command.
R/W ACK COMMAND ACK
P
7 BITS
0
0
0
8 BITS
RECEIVE BYTE FORMAT
S
ADDRESS
SLAVE ADDRESS: Address
of the slave on the serial
interface bus.
DATA BYTE: Data is read from
the location pointed to by the
internal address pointer.
R/W ACK
DATA
NACK P
7 BITS
1
0
0
1
1
8 BITS
WRITE BYTE FORMAT
S
ADDRESS
SLAVE ADDRESS: Address
of the slave on the serial
interface bus.
COMMAND BYTE:
Sets the internal
address pointer.
R/W ACK COMMAND ACK
7 BITS
0
0
0
0
8 BITS
DATA BYTE: Data is written to
the locations set by the
internal address pointer.
DATA
ACK
P
8 BITS
READ BYTE FORMAT
S
SLAVE
ADDRESS
SLAVE ADDRESS: Address
of the slave on the serial
interface bus.
COMMAND BYTE:
Sets the internal
address pointer.
R/W
R/W
ACK COMMAND ACK
7 BITS
0
0
0
0
1
8 BITS
DATA BYTE: Data is written to
the locations set by the
internal address pointer.
SR
R/W
R/W
SLAVE
ADDRESS
R/W
7 BITS
1
BLOCK WRITE FORMAT
S
ADDRESS
SLAVE ADDRESS: Address
of the slave on the
serial interface bus.
COMMAND BYTE:
FAh
DATA BYTE: Data is written to the locations
set by the internal address pointer.
ACK COMMAND ACK
7 BITS
0
0
0
0
0
0
0
8 BITS
BYTE
COUNT = N
ACK
P
8 BITS
DATA BYTE 1 ACK
8 BITS
DATA BYTE N ACK
8 BITS
DATA BYTE … ACK
ACK
DATA BYTE
8 BITS
8 BITS
SMBALERT#
ALERT RESPONSE ADDRESS:
Only the device that
interrupted the master
responds to this address.
SLAVE ADDRESS: Slave places
its own address on the
serial bus.
S
ADDRESS
R/W ACK
DATA
NACK P
0001100
D.C.
8 BITS
NACK P
SLAVE TO MASTER
MASTER TO SLAVE
BLOCK READ FORMAT
S
ADDRESS
SLAVE ADDRESS: Address
of the slave on the
serial interface bus.
S = START CONDITION
P = STOP CONDITION
Sr = REPEATED START CONDITION
D.C. = DON’T CARE
ACK = ACKNOWLEDGE, SDA PULLED LOW DURING RISING EDGE OF SCL.
NACK = NOT ACKNOWLEDGE, SDA LEFT HIGH DURING RISING EDGE OF SCL.
ALL DATA IS CLOCKED IN/OUT OF THE DEVICE ON RISING EDGES OF SCL.
= SDA TRANSITIONS FROM HIGH TO LOW DURING PERIOD OF SCL.
= SDA TRANSITIONS FROM LOW TO HIGH DURING PERIOD OF SCL.
COMMAND BYTE:
FBh
DATA BYTE: Data is read from the locations
set by the internal address pointer.
ACK COMMAND ACK
7 BITS
ADDRESS
SLAVE ADDRESS: Address
of the slave on the
serial interface bus.
7 BITS
0
0
0
0
0
0
0
1
8 BITS
ACK
P
8 BITS
DATA BYTE N ACK
8 BITS
ACK DATA BYTE N
8 BITS
DATA BYTE …
NACK
8 BITS
SR
ACK
1
BYTE
COUNT = N
S
ADDRESS
COMMAND
PEC
P
7 BITS
0
0
8 BITS
0
WRITE BYTE FORMAT WITH PEC
READ BYTE FORMAT WITH PEC
BLOCK WRITE WITH PEC
BLOCK READ WITH PEC
DATA
0
8 BITS
0
8 BITS
S
S
S
ADDRESS
COMMAND
DATA
PEC
P
P
SR
SR
ADDRESS
0
0
0
1
0
0
0
0
0
0
0
0
NACK
1
P
0
0
0
8 BITS
0
0
0
8 BITS
COMMAND
8 BITS
COMMAND
8 BITS
0
0
0
8 BITS
DATA N
8 BITS
DATA N
8 BITS
PEC
8 BITS
PEC
8 BITS
0
7 BITS
ADDRESS
7 BITS
ADDRESS
7 BITS
1
1
7 BITS
BYTE COUNT N
8 BITS
BYTE COUNT N
8 BITS
ADDRESS
7 BITS
DATA BYTE 1
8 BITS
DATA BYTE 1
8 BITS
DATA BYTE
8 BITS
DATA BYTE
8 BITS
R/W
R/W
R/W
R/W
R/W
R/W
ACK
ACK
ACK
ACK
ACK
ACK
ACK
ACK
NACK
ACK
ACK
ACK
ACK
ACK
ACK
ACK
ACK
ACK
ACK
ACK
ACK
ACK
ACK


Similar Part No. - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16060_TE++ MAXIM-MAX16060_TE+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16061_TP++ MAXIM-MAX16061_TP+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
More results

Similar Description - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
   12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com