Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16068 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX16068
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16068 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX16068 Datasheet HTML 17Page - Maxim Integrated Products MAX16068 Datasheet HTML 18Page - Maxim Integrated Products MAX16068 Datasheet HTML 19Page - Maxim Integrated Products MAX16068 Datasheet HTML 20Page - Maxim Integrated Products MAX16068 Datasheet HTML 21Page - Maxim Integrated Products MAX16068 Datasheet HTML 22Page - Maxim Integrated Products MAX16068 Datasheet HTML 23Page - Maxim Integrated Products MAX16068 Datasheet HTML 24Page - Maxim Integrated Products MAX16068 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
______________________________________________________________________________________ 21
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Watchdog Timer
The watchdog timer operates together with or indepen-
dently of the MAX16068. When operating in dependent
mode, the watchdog is not activated until RESET is
deasserted. When operating in independent mode,
the watchdog timer activates immediately after VCC
exceeds the UVLO threshold and the boot phase is
complete. Set r73h[4] to ‘0’ to configure the watchdog
in dependent mode. Set r73h[4] to ‘1’ to configure the
watchdog in independent mode. See Table 16 for more
information on configuring the watchdog timer in depen-
dent or independent mode. The watchdog timer can be
reset by toggling the WDI inputs (GPIO4) or by writing a
‘1’ to r75h[5].
Dependent Watchdog Timer Operation
Use the watchdog timer to monitor FP activity in two
modes. Flexible timeout architecture provides an adjust-
able watchdog startup delay of up to 300s, allowing
complicated systems to complete lengthy boot-up rou-
tines. An adjustable watchdog timeout allows the super-
visor to provide quick alerts when the processor activity
fails. After each reset event (VCC drops below UVLO
then returns above UVLO, software reboot, manual reset
(MR), EN input going low then high, or watchdog reset),
the watchdog startup delay provides an extended time
for the system to power up and fully initialize all FP and
system components before assuming responsibility for
routine watchdog updates. Set r76h[6:4] to a value other
than ‘000’ to enable the watchdog startup delay. Set
r76h[6:4] to ‘000’ to disable the watchdog startup delay.
The normal watchdog timeout period, tWDI, begins after
the first transition on WDI before the conclusion of the
long startup watchdog period, tWDI_STARTUP (Figures 3
and 4). During the normal operating mode, WDO asserts
if the FP does not toggle WDI with a valid transition (high-
to-low or low-to-high) within the standard timeout period,
tWDI. WDO remains asserted until WDI is toggled or
RESET is asserted (Figure 4).
While EN is low, the watchdog timer is in reset. The
watchdog timer does not begin counting until the moni-
toring starts and RESET is deasserted. The watchdog
timer is reset and WDO deasserts any time RESET is
asserted (Figure 5). The watchdog timer is held in reset
while RESET is asserted.
Figure 3. Normal Watchdog Startup Sequence
Figure 4. Watchdog Timer Operation
LAST MON_
WDI
VTH
tWDI_STARTUP
< tWDI
tRP
RESET
< tWDI
WDI
WDO
0V
VCC
0V
VCC
<tWDI
<tWDI
<tWDI
<tWDI
> tWDI
< tWDI
< tWDI
tWDI


Similar Part No. - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16060_TE++ MAXIM-MAX16060_TE+ Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16061_TP++ MAXIM-MAX16061_TP+ Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
More results

Similar Description - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com