Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16068 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX16068
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16068 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX16068 Datasheet HTML 15Page - Maxim Integrated Products MAX16068 Datasheet HTML 16Page - Maxim Integrated Products MAX16068 Datasheet HTML 17Page - Maxim Integrated Products MAX16068 Datasheet HTML 18Page - Maxim Integrated Products MAX16068 Datasheet HTML 19Page - Maxim Integrated Products MAX16068 Datasheet HTML 20Page - Maxim Integrated Products MAX16068 Datasheet HTML 21Page - Maxim Integrated Products MAX16068 Datasheet HTML 22Page - Maxim Integrated Products MAX16068 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
______________________________________________________________________________________ 19
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Set r74h[4:3] to a value other than ‘00’ to select autoretry
mode (see Table 14). In this configuration, the device
stops monitoring after a critical fault event then moni-
tors again following the boot-up delay plus 20ms (see
the Boot-Up Delay section). Use r74h[2:0] to select an
autoretry delay from 20ms to 1.6s. See Table 14 for more
information on setting the autoretry delay.
When fault information is stored in flash (see the Critical
Faults section) and autoretry mode is selected, set an
autoretry delay greater than the time required for the
storing operation. When fault information is stored in
flash and latch-on-fault mode is chosen, toggle EN or
reset the software enable bit only after the completion
of the storing operation. When saving information about
the failed lines only, ensure a delay of at least 102ms
before the restart procedure. Otherwise, ensure a mini-
mum 153ms timeout, to ensure that ADC conversions
are completed and values are stored correctly in flash.
Reset Output
The reset output, RESET, indicates the status of the
monitored inputs. It asserts during the boot phase and
deasserts following the reset timeout period once the
monitored input voltage is within the undervoltage/over-
voltage.
During normal monitoring, RESET can be configured to
assert when any combination of MON_ inputs violates
configurable combinations of undervoltage or overvolt-
age thresholds. Select the combination of MON_ inputs
using r3Ch[5:0] and r3Dh[5:0]. Note that MON_ inputs
configured as critical faults always cause RESET to
assert regardless of these configuration bits.
RESET can be configured as push-pull or open drain
using r3Bh[3], and active high or active low using
r3Bh[2]. Select the reset timeout by loading a value from
Table 15 into r3Bh[7:4].
To generate a one-shot pulse on RESET, write a ‘1’ into
r3Bh[0]. The pulse width is the configured reset timeout.
Register bit r3Bh[0] clears automatically (see Table 15).
The current state of RESET can be checked by reading
r20h[0].
Table 14. Autoretry Configuration
REGISTER
ADDRESS
FLASH
ADDRESS
BIT
RANGE
DESCRIPTION
74h
274h
[2:0]
Retry Delay
000 = 20ms
001 = 40ms
010 = 80ms
011 = 150ms
100 = 280ms
101 = 540ms
110 = 1s
111 = 2s
[4:3]
Autoretry/Latch Mode
00 = Latch
01 = Retry 1 time
10 = Retry 3 times
11 = Always retry


Similar Part No. - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16060_TE++ MAXIM-MAX16060_TE+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16061_TP++ MAXIM-MAX16061_TP+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
More results

Similar Description - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
   12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com