Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16068 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX16068
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16068 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX16068 Datasheet HTML 14Page - Maxim Integrated Products MAX16068 Datasheet HTML 15Page - Maxim Integrated Products MAX16068 Datasheet HTML 16Page - Maxim Integrated Products MAX16068 Datasheet HTML 17Page - Maxim Integrated Products MAX16068 Datasheet HTML 18Page - Maxim Integrated Products MAX16068 Datasheet HTML 19Page - Maxim Integrated Products MAX16068 Datasheet HTML 20Page - Maxim Integrated Products MAX16068 Datasheet HTML 21Page - Maxim Integrated Products MAX16068 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
18 _____________________________________________________________________________________
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Logged fault information is stored in flash registers
r200h–r208h (see Table 13). After fault information is
logged, the flash is locked and must be unlocked to
enable a new fault log to be stored. Write a ‘0’ to r8Ch[1]
to unlock the configuration flash. Fault information can
be configured to store ADC conversion results and/or
fault flags in registers. Select the critical fault configura-
tion in r6Dh[1:0]. Set r6Dh[1:0] to ‘11’ to turn off the fault
logger. All stored ADC results are 8 bits wide (MSBs of
the conversion).
Autoretry/Latch Mode
The MAX16068 can be configured for one of two fault
management methods: autoretry or latch-on-fault. Set
r74h[4:3] to ‘00’ to select the latch-on-fault mode. The
device does not reinitiate monitoring until EN is toggled
or the software enable bit is toggled. See the Enable
Input (EN) section for more information on setting the
software enable bit.
Table 13. Nonvolatile Fault Log Registers
FLASH
ADDRESS
BIT RANGE
DESCRIPTION
200h
[7:0]
Reserved
201h
[0]
Fault log triggered on MON1 falling below its undervoltage threshold
[1]
Fault log triggered on MON2 falling below its undervoltage threshold
[2]
Fault log triggered on MON3 falling below its undervoltage threshold
[3]
Fault log triggered on MON4 falling below its undervoltage threshold
[4]
Fault log triggered on MON5 falling below its undervoltage threshold
[5]
Fault log triggered on MON6 falling below its undervoltage threshold
[7:6]
Not used
202h
[0]
Fault log triggered on MON1 exceeding its overvoltage threshold
[1]
Fault log triggered on MON2 exceeding its overvoltage threshold
[2]
Fault log triggered on MON3 exceeding its overvoltage threshold
[3]
Fault log triggered on MON4 exceeding its overvoltage threshold
[4]
Fault log triggered on MON5 exceeding its overvoltage threshold
[5]
Fault log triggered on MON6 exceeding its overvoltage threshold
[6]
Fault log triggered on EXTFAULT
[7]
Not used
203h
[7:0]
MON1 ADC output (8 MSBs)
204h
[7:0]
MON2 ADC output (8 MSBs)
205h
[7:0]
MON3 ADC output (8 MSBs)
206h
[7:0]
MON4 ADC output (8 MSBs)
207h
[7:0]
MON5 ADC output (8 MSBs)
208h
[7:0]
MON6 ADC output (8 MSBs)


Similar Part No. - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16060_TE++ MAXIM-MAX16060_TE+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16061_TP++ MAXIM-MAX16061_TP+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
More results

Similar Description - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
   12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com