Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16068 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX16068
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16068 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX16068 Datasheet HTML 13Page - Maxim Integrated Products MAX16068 Datasheet HTML 14Page - Maxim Integrated Products MAX16068 Datasheet HTML 15Page - Maxim Integrated Products MAX16068 Datasheet HTML 16Page - Maxim Integrated Products MAX16068 Datasheet HTML 17Page - Maxim Integrated Products MAX16068 Datasheet HTML 18Page - Maxim Integrated Products MAX16068 Datasheet HTML 19Page - Maxim Integrated Products MAX16068 Datasheet HTML 20Page - Maxim Integrated Products MAX16068 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
______________________________________________________________________________________ 17
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
If GPIO6 is configured as the EXTFAULT input/output
and EXTFAULT is pulled low by an external circuit, bit
r1Ch[6] is set.
The SMB Alert (ALERT) bit is set if the MAX16068 has
asserted the SMBus Alert output. Clear by writing a ‘1’.
See the SMBALERT (ALERT) section for more details.
Critical Faults
During normal operation, a fault condition can be stored
in the flash memory by setting the appropriate critical
fault enable bits. Set the appropriate critical fault enable
bits in registers r6Eh–r72h (see Table 12) for a fault con-
dition to trigger a critical fault.
Table 12. Critical Fault Configuration
REGISTER
ADDRESS
FLASH
ADDRESS
BIT
RANGE
DESCRIPTION
6Dh
26Dh
[1:0]
Fault Information to Log
00 = Save failed line flags and ADC values in flash
01 = Save only failed line flags in flash
10 = Save only ADC values in flash
11 = Do not save anything
[2]
1 = Fault log triggered when EXTFAULT is pulled low externally
[7:3]
Not used
6Eh
26Eh
[0]
1 = Fault log triggered when MON1 is below its undervoltage threshold
[1]
1 = Fault log triggered when MON2 is below its undervoltage threshold
[2]
1 = Fault log triggered when MON3 is below its undervoltage threshold
[3]
1 = Fault log triggered when MON4 is below its undervoltage threshold
[4]
1 = Fault log triggered when MON5 is below its undervoltage threshold
[5]
1 = Fault log triggered when MON6 is below its undervoltage threshold
[7:6]
Not used
6Fh
26Fh
[3:0]
Not used
[4]
1 = Fault log triggered when MON1 is above its overvoltage threshold
[5]
1 = Fault log triggered when MON2 is above its overvoltage threshold
[6]
1 = Fault log triggered when MON3 is above its overvoltage threshold
[7]
1 = Fault log triggered when MON4 is above its overvoltage threshold
70h
270h
[0]
1 = Fault log triggered when MON5 is above its overvoltage threshold
[1]
1 = Fault log triggered when MON6 is above its overvoltage threshold
[7:2]
Not used
71h
271h
[7:0]
Not used
72h
272h
[4:0]
Not used
[5]
1 = EXTFAULT pulled low externally causes the device to stop monitoring until EN
is toggled or the autoretry delay expires (see Autoretry/Latch Mode section)
0 = EXTFAULT pulled low externally does not cause the device to stop monitoring
[7:6]
Not used


Similar Part No. - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16060_TE++ MAXIM-MAX16060_TE+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16061_TP++ MAXIM-MAX16061_TP+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
More results

Similar Description - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
   12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com