Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16068 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX16068
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16068 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX16068 Datasheet HTML 11Page - Maxim Integrated Products MAX16068 Datasheet HTML 12Page - Maxim Integrated Products MAX16068 Datasheet HTML 13Page - Maxim Integrated Products MAX16068 Datasheet HTML 14Page - Maxim Integrated Products MAX16068 Datasheet HTML 15Page - Maxim Integrated Products MAX16068 Datasheet HTML 16Page - Maxim Integrated Products MAX16068 Datasheet HTML 17Page - Maxim Integrated Products MAX16068 Datasheet HTML 18Page - Maxim Integrated Products MAX16068 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
______________________________________________________________________________________ 15
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Faults
The MAX16068 monitors the input (MON_) channels and
compares the results with an overvoltage threshold and
an undervoltage threshold. Based on these conditions,
the MAX16068 asserts various fault outputs and save
specific information about the channel conditions and
voltages into the nonvolatile flash. Once a critical fault
event occurs, the failing channel condition, ADC conver-
sions at the time of the fault, or both can be saved by
configuring the event logger. The event logger records a
single failure in the internal flash and sets a lock bit that
protects the stored fault data from accidental erasure on
a subsequent power-up.
The MAX16068 is capable of measuring overvoltage
and undervoltage fault events. Fault conditions are
detected at the end of each ADC conversion. An over-
voltage event occurs when the voltage at a monitored
input exceeds the overvoltage threshold for that input.
An undervoltage event occurs when the voltage at a
monitored input falls below the undervoltage threshold.
Fault thresholds are set in registers r49h–r59h as shown
in Table 9. Disabled inputs are not monitored for fault
conditions and are skipped over by the input multiplexer.
Only the upper 8 bits of a conversion result are com-
pared with the programmed fault thresholds.
Table 9. Fault Threshold Registers
REGISTER
ADDRESS
FLASH
ADDRESS
BIT RANGE
DESCRIPTION
48h
248h
[7:0]
Not used
49h
249h
[7:0]
MON1 overvoltage threshold
4Ah
24Ah
[7:0]
MON1 undervoltage threshold
4Bh
24Bh
[7:0]
Not used
4Ch
24Ch
[7:0]
MON2 overvoltage threshold
4Dh
24Dh
[7:0]
MON2 undervoltage threshold
4Eh
24Eh
[7:0]
Not used
4Fh
24Fh
[7:0]
MON3 overvoltage threshold
50h
250h
[7:0]
MON3 undervoltage threshold
51h
251h
[7:0]
Not used
52h
252h
[7:0]
MON4 overvoltage threshold
53h
253h
[7:0]
MON4 undervoltage threshold
54h
254h
[7:0]
Not used
55h
255h
[7:0]
MON5 overvoltage threshold
56h
256h
[7:0]
MON5 undervoltage threshold
57h
257h
[7:0]
Not used
58h
258h
[7:0]
MON6 overvoltage threshold
59h
259h
[7:0]
MON6 undervoltage threshold


Similar Part No. - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16060_TE++ MAXIM-MAX16060_TE+ Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16061_TP++ MAXIM-MAX16061_TP+ Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
More results

Similar Description - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com