Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16068 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX16068
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16068 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX16068 Datasheet HTML 10Page - Maxim Integrated Products MAX16068 Datasheet HTML 11Page - Maxim Integrated Products MAX16068 Datasheet HTML 12Page - Maxim Integrated Products MAX16068 Datasheet HTML 13Page - Maxim Integrated Products MAX16068 Datasheet HTML 14Page - Maxim Integrated Products MAX16068 Datasheet HTML 15Page - Maxim Integrated Products MAX16068 Datasheet HTML 16Page - Maxim Integrated Products MAX16068 Datasheet HTML 17Page - Maxim Integrated Products MAX16068 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
14 _____________________________________________________________________________________
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
ALERT
GPIO1 is configurable as the SMBus alert signal, ALERT.
ALERT asserts when any fault condition occurs. When the
SMBus host sends the ARA (Alert Response Address),
the MAX16068 responds with its slave address and
deasserts ALERT. ALERT is an open-drain output.
Set the ARAEN bit in r40h[4] to ‘1’ to disable the ARA
feature. Under these conditions, the device does not
respond to an ARA on the SMBus line.
FAULT
GPIO2 is configurable as a dedicated fault output,
FAULT. FAULT asserts when an overvoltage or under-
voltage condition occurs on the selected inputs. FAULT
dependencies are set using registers r36h and r37h
(see Table 8). When FAULT depends on more than one
MON_, the fault output asserts when one or more MON_
exceeds a programmed threshold voltage. FAULT acts
independently of the critical fault system, described in
the Critical Faults section. Use r37h[7] to set the polarity
of FAULT.
Manual Reset (MR)
GPIO3 is configurable to act as an active-low manual reset
input, MR. Drive MR low to assert RESET. RESET remains
asserted for the selected reset timeout period after MR
transitions from low to high. When connecting MR to a push-
button, use a pullup resistor. See the Reset Output section
for more information on selecting a reset timeout period.
Watchdog Input (WDI) and Output (WDO)
GPIO4 and GPIO5 are configurable as the watchdog
timer input (WDI) and output, WDO, respectively. See
Table 16 for configuration details. WDO is an open-drain,
active-low output. See the Watchdog Timer section for
more information about the operation of the watchdog
timer.
External Fault (EXTFAULT)
GPIO6 is configurable as the external fault input/output,
EXTFAULT. EXTFAULT asserts if any monitored volt-
age exceeds an overvoltage or undervoltage threshold.
EXTFAULT also asserts if a power-up or power-down
sequencing fault occurs. This signal can be used to
cascade multiple MAX16068s.
For the MAX16068, if register bit r6Dh[2] is set in addi-
tion to r72h[5], EXTFAULT going low triggers a nonvola-
tile fault log operation.
Table 8. FAULT Dependencies
REGISTER
ADDRESS
FLASH
ADDRESS
BIT RANGE
DESCRIPTION
36h
236h
[0]
FAULT depends on MON1 undervoltage threshold
[1]
FAULT depends on MON2 undervoltage threshold
[2]
FAULT depends on MON3 undervoltage threshold
[3]
FAULT depends on MON4 undervoltage threshold
[4]
FAULT depends on MON5 undervoltage threshold
[5]
FAULT depends on MON6 undervoltage threshold
[7:6]
Not used
37h
237h
[0]
FAULT depends on MON1 overvoltage threshold
[1]
FAULT depends on MON2 overvoltage threshold
[2]
FAULT depends on MON3 overvoltage threshold
[3]
FAULT depends on MON4 overvoltage threshold
[4]
FAULT depends on MON5 overvoltage threshold
[5]
FAULT depends on MON6 overvoltage threshold
[6]
Not used
[7]
0 = FAULT is an active-low digital output
1 = FAULT is an active-high digital output


Similar Part No. - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16060_TE++ MAXIM-MAX16060_TE+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16061_TP++ MAXIM-MAX16061_TP+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
More results

Similar Description - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
   12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com