Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16068 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX16068
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16068 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX16068 Datasheet HTML 9Page - Maxim Integrated Products MAX16068 Datasheet HTML 10Page - Maxim Integrated Products MAX16068 Datasheet HTML 11Page - Maxim Integrated Products MAX16068 Datasheet HTML 12Page - Maxim Integrated Products MAX16068 Datasheet HTML 13Page - Maxim Integrated Products MAX16068 Datasheet HTML 14Page - Maxim Integrated Products MAX16068 Datasheet HTML 15Page - Maxim Integrated Products MAX16068 Datasheet HTML 16Page - Maxim Integrated Products MAX16068 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
______________________________________________________________________________________ 13
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
General-Purpose Inputs/Outputs
GPIO1–GPIO6 are programmable general-purpose
inputs/outputs. GPIO1–GPIO6 are configurable as a
manual reset input, a watchdog timer input and output,
logic inputs/outputs, and fault-dependent outputs. When
programmed as outputs, GPIO_s are open-drain or
push-pull. See Tables 5 and 6 for more detailed informa-
tion on configuring GPIO1–GPIO6.
When GPIO1–GPIO6 are configured as general-pur-
pose inputs/outputs, read values from the GPIO_ ports
through r1Eh and write values to GPIO_s through r3Eh.
Note that r3Eh has a corresponding flash register, which
programs the default state of a general-purpose output.
See Table 7 for more information on reading and writing
to the GPIO_.
Table 5. GPIO_ Configuration Registers
Table 6. GPIO_ Function Configuration Bits
Table 7. GPIO_ State Registers
REGISTER ADDRESS
FLASH ADDRESS
BIT RANGE
DESCRIPTION
3Fh
23Fh
[1:0]
GPIO1 configuration
[3:2]
GPIO2 configuration
[5:4]
GPIO3 configuration
[7:6]
GPIO4 configuration
40h
240h
[1:0]
GPIO5 configuration
[3:2]
GPIO6 configuration
[4]
ARAEN bit
[7:5]
Not used
GPIO1
GPIO2
GPIO3
GPIO4
GPIO5
GPIO6
00
Logic input
Logic input
Logic input
Logic input
Logic input
Logic input
01
Logic output
(push-pull)
Logic output
(push-pull)
Logic output
(push-pull)
Logic output
(push-pull)
Logic output
(push-pull)
Logic output
(push-pull)
10
Logic output
(open drain)
Logic output
(open drain)
Logic output
(open drain)
Logic output
(open drain)
Logic output
(open drain)
Logic output
(open drain)
11
ALERT (open drain)
FAULT (open drain)
MR input
WDI
WDO
(open drain)
EXTFAULT
(open drain)
REGISTER
ADDRESS
FLASH
ADDRESS
BIT RANGE
DESCRIPTION
1Eh
[0]
GPIO1 input state
[1]
GPIO2 input state
[2]
GPIO3 input state
[3]
GPIO4 input state
[4]
GPIO5 input state
[5]
GPIO6 input state
[7:6]
Not used
3Eh
23Eh
[0]
GPIO1 output state
[1]
GPIO2 output state
[2]
GPIO3 output state
[3]
GPIO4 output state
[4]
GPIO5 output state
[5]
GPIO6 output state
[7:6]
Not used


Similar Part No. - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16060_TE++ MAXIM-MAX16060_TE+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16061_TP++ MAXIM-MAX16061_TP+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
More results

Similar Description - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
   12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com