Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16068 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX16068
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16068 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX16068 Datasheet HTML 8Page - Maxim Integrated Products MAX16068 Datasheet HTML 9Page - Maxim Integrated Products MAX16068 Datasheet HTML 10Page - Maxim Integrated Products MAX16068 Datasheet HTML 11Page - Maxim Integrated Products MAX16068 Datasheet HTML 12Page - Maxim Integrated Products MAX16068 Datasheet HTML 13Page - Maxim Integrated Products MAX16068 Datasheet HTML 14Page - Maxim Integrated Products MAX16068 Datasheet HTML 15Page - Maxim Integrated Products MAX16068 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
12 _____________________________________________________________________________________
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Boot-Up Delay
Once EN is above its threshold and the software enable
bit is set, a boot-up delay occurs before monitoring
begins. This delay is configured in register 77h as shown
in Table 4, and it is stored as an 8-bit value calculated
as follows:
tBOOT = (5 x 10-6) x 2a x (16 + b) + 480µs
where tBOOT is in seconds, a is the decimal value of the
4 MSBs and b is the decimal value of the 4 LSBs.
Table 4. Boot-Up Delay
Table 3. ADC Configuration Registers
REGISTER ADDRESS
FLASH ADDRESS
BIT RANGE
DESCRIPTION
43h
243h
[1:0]
MON1 Full-Scale Range
00 = 5.6V
01 = 2.8V
10 = 1.4V
11 = channel not converted
[3:2]
MON2 Full-Scale Range
00 = 5.6V
01 = 2.8V
10 = 1.4V
11 = channel not converted
[5:4]
MON3 Full-Scale Range
00 = 5.6V
01 = 2.8V
10 = 1.4V
11 = channel not converted
[7:6]
MON4 Full-Scale Range
00 = 5.6V
01 = 2.8V
10 = 1.4V
11 = channel not converted
44h
244h
[1:0]
MON5 Full-Scale Range
00 = 5.6V
01 = 2.8V
10 = 1.4V
11 = channel not converted
[3:2]
MON6 Full-Scale Range
00 = 5.6V
01 = 2.8V
10 = 1.4V
11 = channel not converted
[7:4]
Not used
REGISTER
ADDRESS
FLASH
ADDRESS
BIT
RANGE
DESCRIPTION
77h
277h
[7:0]
Boot-up delay


Similar Part No. - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16060_TE++ MAXIM-MAX16060_TE+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16061_TP++ MAXIM-MAX16061_TP+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
More results

Similar Description - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
   12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com