Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16068 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16068
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16068 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16068 Datasheet HTML 6Page - Maxim Integrated Products MAX16068 Datasheet HTML 7Page - Maxim Integrated Products MAX16068 Datasheet HTML 8Page - Maxim Integrated Products MAX16068 Datasheet HTML 9Page - Maxim Integrated Products MAX16068 Datasheet HTML 10Page - Maxim Integrated Products MAX16068 Datasheet HTML 11Page - Maxim Integrated Products MAX16068 Datasheet HTML 12Page - Maxim Integrated Products MAX16068 Datasheet HTML 13Page - Maxim Integrated Products MAX16068 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10 _____________________________________________________________________________________
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Detailed Description
The MAX16068 monitors up to six system power sup-
plies. The monitoring phase begins after boot-up if EN is
high and the software enable bit is set to ‘1’. An internal
multiplexer cycles through each MON_ input. At each
multiplexer stop, the 10-bit ADC converts the monitored
analog voltage to a digital result and stores the result in
a register. Each time a conversion cycle (5Fs, max) com-
pletes, internal logic circuitry compares the conversion
results to the overvoltage and undervoltage thresholds
stored in memory. When a result violates a programmed
threshold, the conversion can be configured to generate
a fault. GPIO_ can be programmed to assert on combi-
nations of faults. Additionally, faults can be configured to
trigger the nonvolatile fault logger, which writes all fault
information automatically to the flash and write-protects
the data to prevent accidental erasure.
The MAX16068 contains both SMBus and JTAG serial
interfaces for accessing registers and flash. Use only
one interface at any given time. For more information
on how to access the internal memory through these
interfaces, see the SMBus-Compatible Serial Interface
and JTAG Serial Interface sections. The memory map
is divided into three pages with access controlled by
special SMBus and JTAG commands.
The factory-default values at POR (power-on reset) for all
RAM registers are ‘0’s. POR occurs when VCC reaches
the undervoltage-lockout threshold (UVLO) of 2.7V
(max). At POR, the device begins a boot-up sequence.
During the boot-up sequence, all monitored inputs are
masked from initiating faults and flash contents are
copied to the respective register locations. During boot-
up, the MAX16068 is not accessible through the serial
interface. The boot-up sequence takes up to 150Fs, after
which the device is ready for normal operation. RESET
is asserted low up to the boot-up phase after which it
assumes its programmed active state. RESET remains
active for its programmed timeout period once all moni-
tored channels are within their respective thresholds. Up
to the boot-up phase, the GPIO_s are high impedance.
Power
Apply 2.8V to 14V to VCC to power the MAX16068.
Bypass VCC to ground with a 10FF capacitor. Two inter-
nal voltage regulators, ABP and DBP, supply power to
the analog and digital circuitry within the device. For
operation at 3.6V or lower, disable the regulators by con-
necting ABP and DBP to VCC.
ABP is a 3.0V (typ) voltage regulator that powers the inter-
nal analog circuitry. Bypass ABP to GND with a 1FF ceram-
ic capacitor installed as close as possible to the device.
DBP is an internal 3.0V (typ) voltage regulator. DBP
powers flash and digital circuitry. All push-pull outputs
refer to DBP. DBP supplies the input voltage to the inter-
nal charge pump when the programmable outputs are
configured as charge-pump outputs. Bypass the DBP
output to GND with a 1FF ceramic capacitor installed as
close as possible to the device.
Do not power external circuitry from ABP or DBP.
Enable Input (EN)
To enable monitoring, the voltage at EN must be above
1.24V (typ) and the software enable bit in r73h[0] must
be set to ‘1.’ To disable monitoring, either pull EN
below 1.215V (typ) or set the software enable bit to ‘0.’
See Table 1 for the software enable bit configurations.
Connect EN to ABP if not used.
Table 1. Software Enable Configurations
REGISTER
ADDRESS
FLASH
ADDRESS
BIT RANGE
DESCRIPTION
73h
273h
[0]
Software Enable
1 = Sequencing enabled
0 = Power-down
[1]
Reserved
[2]
1 = Margin mode enabled
[3]
Reserved
[4]
Independent watchdog mode enable
1 = Watchdog timer is independent of EN input
0 = Watchdog timer boots after EN goes high and the boot-up delay completes


Similar Part No. - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16060_TE++ MAXIM-MAX16060_TE+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16061_TP++ MAXIM-MAX16061_TP+ Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
More results

Similar Description - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
   12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com