Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16067 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16067
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16067 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16067 Datasheet HTML 2Page - Maxim Integrated Products MAX16067 Datasheet HTML 3Page - Maxim Integrated Products MAX16067 Datasheet HTML 4Page - Maxim Integrated Products MAX16067 Datasheet HTML 5Page - Maxim Integrated Products MAX16067 Datasheet HTML 6Page - Maxim Integrated Products MAX16067 Datasheet HTML 7Page - Maxim Integrated Products MAX16067 Datasheet HTML 8Page - Maxim Integrated Products MAX16067 Datasheet HTML 9Page - Maxim Integrated Products MAX16067 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
6 ______________________________________________________________________________________
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Typical Operating Characteristics
(Typical values are at VCC = 3.3V, TA = +25NC.)
MR TO RESET PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
80
60
40
20
0
-20
-40
200
300
400
500
600
700
800
900
1000
1100
100
MAX
MIN
OUTPUT VOLTAGE vs. SINK CURRENT
(OUT = LOW)
ISINK (mA)
15
10
5
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0
0
20
RESET, GPIO_,
AND EN_OUT4–
EN_OUT6
EN_OUT1–
EN_OUT3
VCC SUPPLY CURRENT
vs. VCC SUPPLY VOLTAGE
VCC (V)
12
10
2
4
6
8
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
0
14
TA = -40°C
TA = +25°C
TA = +85°C
ABP AND DBP CONNECTED
TO VCC
ABP AND DBP
REGULATORS ACTIVE
NORMALIZED MON_THRESHOLD
vs. TEMPERATURE
TEMPERATURE (°C)
80
60
40
20
0
-20
0.965
0.980
0.995
1.010
1.025
1.040
1.055
0.950
-40
5.6V RANGE
HALF-SCALE
PUV THRESHOLD
NORMALIZED EN THRESHOLD
vs. TEMPERATURE
TEMPERATURE (°C)
80
60
40
20
0
-20
0.965
0.980
0.995
1.010
1.025
1.040
1.055
0.950
-40
TRANSIENT DURATION
vs. THRESHOLD OVERDRIVE (EN)
EN OVERDRIVE (mV)
10
5
10
15
20
25
30
35
0
1
100
NORMALIZED TIMING ACCURACY
vs. TEMPERATURE
TEMPERATURE (°C)
80
60
40
20
0
-20
0.965
0.980
0.995
1.010
1.025
1.040
1.055
0.950
-40
TRANSIENT DURATION
vs. MON_ DEGLITCH
DEGLITCH VALUE
16
8
4
10
20
30
40
50
60
70
80
90
0
2


Similar Part No. - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067ETJ++ MAXIM-MAX16067ETJ+ Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
More results

Similar Description - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com