Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16067 Datasheet(PDF) 44 Page - Maxim Integrated Products

Part # MAX16067
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16067 Datasheet(HTML) 44 Page - Maxim Integrated Products

Back Button MAX16067 Datasheet HTML 39Page - Maxim Integrated Products MAX16067 Datasheet HTML 40Page - Maxim Integrated Products MAX16067 Datasheet HTML 41Page - Maxim Integrated Products MAX16067 Datasheet HTML 42Page - Maxim Integrated Products MAX16067 Datasheet HTML 43Page - Maxim Integrated Products MAX16067 Datasheet HTML 44Page - Maxim Integrated Products MAX16067 Datasheet HTML 45Page - Maxim Integrated Products MAX16067 Datasheet HTML 46Page - Maxim Integrated Products MAX16067 Datasheet HTML 47Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
44 _____________________________________________________________________________________
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Register Map
FLASH
ADDRESS
REGISTER
ADDRESS
READ/
WRITE
DESCRIPTION
ADC VALUES, FAULT REGISTERS, GPIOs AS INPUT PORTS—NOT IN FLASH
000
R
MON1 ADC output, MSBs
001
R
MON1 ADC output, LSBs
002
R
MON2 ADC output, MSBs
003
R
MON2 ADC output, LSBs
004
R
MON3 ADC output, MSBs
005
R
MON3 ADC output, LSBs
006
R
MON4 ADC output, MSBs
007
R
MON4 ADC output, LSBs
008
R
MON5 ADC output, MSBs
009
R
MON5 ADC output, LSBs
00A
R
MON6 ADC output, MSBs
00B
R
MON6 ADC output, LSBs
00C–01A
Reserved
01B
R/W
Fault register—failed line flags
01C
R/W
Fault register—failed line flags
01D
Reserved
01E
R
GPIO data in (read only)
01F
R
EN_OUT_ as GPIO data in (read only)
020
R/W
Flash status/reset output monitor
021
R
Current sequencer slot
GPIO AND OUTPUT DEPENDENCIES/CONFIGURATIONS
230
030
R/W
EN_OUT_ configuration
231
031
R/W
EN_OUT_ configuration
232
032
Reserved
233
033
R/W
Charge-pump configuration bits
234
034
R/W
EN_OUT_ as GPIO data out
235
035
Reserved
236
036
R/W
FAULT dependencies
237
037
R/W
FAULT dependencies
238–23A
038–03A
Reserved
23B
03B
R/W
RESET output configuration
23C
03C
R/W
RESET output dependencies
23D
03D
R/W
RESET output dependencies
23E
03E
R/W
GPIO data out
23F
03F
R/W
GPIO configuration
240
040
R/W
GPIO configuration, ARANEN (ARA Enable)
241–242
041–042
Reserved


Similar Part No. - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067ETJ++ MAXIM-MAX16067ETJ+ Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
More results

Similar Description - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com