Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16067 Datasheet(PDF) 42 Page - Maxim Integrated Products

Part # MAX16067
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16067 Datasheet(HTML) 42 Page - Maxim Integrated Products

Back Button MAX16067 Datasheet HTML 38Page - Maxim Integrated Products MAX16067 Datasheet HTML 39Page - Maxim Integrated Products MAX16067 Datasheet HTML 40Page - Maxim Integrated Products MAX16067 Datasheet HTML 41Page - Maxim Integrated Products MAX16067 Datasheet HTML 42Page - Maxim Integrated Products MAX16067 Datasheet HTML 43Page - Maxim Integrated Products MAX16067 Datasheet HTML 44Page - Maxim Integrated Products MAX16067 Datasheet HTML 45Page - Maxim Integrated Products MAX16067 Datasheet HTML 46Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
42 _____________________________________________________________________________________
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Table 32. Maximum Write Time
Figure 15. Power Circuit for Shutdown During Fault Conditions
Figure 16. Connection for a p-Channel Series-Pass MOSFET
Maintaining Power During
a Fault Condition
Power to the MAX16067 must be maintained for a spe-
cific period of time to ensure a successful flash fault log
operation during a fault that removes power to the circuit.
Table 32 shows the amount of time required depends on
the settings in the fault control register (r6Dh[1:0]).
Maintain power for shutdown during fault conditions in
applications where the always-on power supply cannot
be relied upon by placing a diode and a large capacitor
between the voltage source, VIN, and VCC (Figure 15).
The capacitor value depends on VIN and the time delay
required, tFAULT_SAVE. Use the following formula to cal-
culate the capacitor size:
C = (tFAULT_SAVE x ICC(MAX))/(VIN - VDIODE - VUVLO)
where the capacitance is in Farads and tFAULT_SAVE is in
seconds, ICC(MAX) is 14mA, VDIODE is the voltage drop
across the diode, and VUVLO is 2.7V. For example, with
a VIN of 14V, a diode drop of 0.7V, and a tFAULT_SAVE
of 153ms, the minimum required capacitance is 202FF.
Driving High-Side MOSFET Switches
Up to three of the programmable outputs (EN_OUT1,
EN_OUT2, EN_OUT3) of the MAX16067 can be con-
figured as charge-pump outputs to drive the gates
of series-pass n-channel MOSFETS. When driving
MOSFETs, these outputs act as simple power switches
to turn on the voltage supply rails. Approximate the slew
rate, SR, using the following formula:
SR = ICP/(CGATE + CEXT)
where ICP is the 6FA (typ) charge-pump source cur-
rent, CGATE is the gate capacitance of the MOSFET,
and CEXT is the capacitance connected from the gate
to ground. If more than three series-pass MOSFETs
are required for an application, additional series-pass
p-channel MOSFETs can be connected to outputs con-
figured as active-low open drain (Figure 16). Connect
a pullup resistor from the gate to the source of the
MOSFET, and ensure the absolute maximum ratings of
the MAX16067 are not exceeded.
Configuring the Device
An evaluation kit and a graphical user interface (GUI) are
available to create a custom configuration for the device.
Refer to the MAX16067 Evaluation Kit for configuration.
Cascading Multiple MAX16067s
Multiple MAX16067s can be cascaded to increase the
number of rails controlled for sequencing and moni-
toring. There are many ways to cascade the devices
depending on the desired behavior. In general, there are
several techniques as follows:
U
Configure a GPIO on each device to be EXTFAULT
(open-drain). Externally wire them together with a single
pullup resistor. Set register bits r72h[5] and r6Dh[2] to ‘1’
r6Dh[1:0] VALUE
DESCRIPTION
MAXIMUM WRITE TIME (ms)
00
Save flags and ADC readings
153
01
Save flags
102
10
Save ADC readings
153
11
Do not save anything
MAX16067
VCC
C
VIN
GND
MAX16067
VOUT
R
MON_
EN_OUT_
VIN


Similar Part No. - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067ETJ++ MAXIM-MAX16067ETJ+ Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
More results

Similar Description - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com