Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16067 Datasheet(PDF) 41 Page - Maxim Integrated Products

Part # MAX16067
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16067 Datasheet(HTML) 41 Page - Maxim Integrated Products

Back Button MAX16067 Datasheet HTML 37Page - Maxim Integrated Products MAX16067 Datasheet HTML 38Page - Maxim Integrated Products MAX16067 Datasheet HTML 39Page - Maxim Integrated Products MAX16067 Datasheet HTML 40Page - Maxim Integrated Products MAX16067 Datasheet HTML 41Page - Maxim Integrated Products MAX16067 Datasheet HTML 42Page - Maxim Integrated Products MAX16067 Datasheet HTML 43Page - Maxim Integrated Products MAX16067 Datasheet HTML 44Page - Maxim Integrated Products MAX16067 Datasheet HTML 45Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
______________________________________________________________________________________ 41
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
SETFLSHADD: This is an extension to the standard
IEEE 1149.1 instruction set that allows access to the
flash page. Flash registers include ADC conversion
results, DACOUT enables, and GPIO input/output data.
Use this page to access registers 200h-2FFh.
RSTFLSHADD: This is an extension to the standard
IEEE 1149.1 instruction set. Use RSTFLSHADD to return
to the default page and disable access to the flash page.
SETUSRFLSH: This is an extension to the standard
IEEE 1149.1 instruction set that allows access to the user
flash page. When on the configuration flash page, send
the SETUSRFLSH command, all addresses are recog-
nized as flash addresses only. Use this page to access
registers 300h–3FFh.
RSTUSRFLSH: This is an extension to the standard
IEEE 1149.1 instruction set. Use RSTUSRFLSH to return
to the configuration flash page and disable access to
the user flash.
Restrictions When Writing to Flash
Flash must be written to 8 bytes at a time. The initial
address must be aligned to 8-byte boundaries—the
3 LSBs of the initial address must be ‘000’. Write the
8 bytes using 8 successive Write Data commands. A
write operation requires 122ms for each 8-byte block.
After programming a block, check r20h[1] (see Table
31) to make sure the write operation is complete before
attempting to write the next block.
Applications Information
Unprogrammed Device Behavior
When the flash has not been programmed using the
JTAG or SMBus interface, the default configuration of
the EN_OUT_ outputs is open drain active low. This
means that the EN_OUT_ outputs are high impedance.
When it is necessary to hold an EN_OUT_ high or low to
prevent premature startup of a power supply before the
flash is programmed, connect a resistor from EN_OUT_
to ground or the supply voltage. Avoid connecting a
resistor to ground when the output is to be configured as
open drain with a separate pullup resistor.
Device Behavior at Power-Up
When VCC is ramped from 0V, the RESET output is
high impedance until VCC reaches 1.4V, at which point
RESET goes low. All other outputs are high impedance
until VCC reaches 2.7V, then the flash contents are cop-
ied into register memory. This takes 150Fs (max) after
which the outputs assume their programmed states.
Programming the MAX16067 in Circuit
The MAX16067 can be programmed in the application
circuit by taking into account the following points during
circuit design:
U
The MAX16067 needs to be powered from an inter-
mediate voltage bus or auxiliary voltage supply so
programming can occur even when the board’s power
supplies are off. This could also be achieved by using
ORing diodes so that power can be provided through
the programming connector.
U
The SMBus or JTAG bus lines should not connect
through a bus multiplexer powered from a voltage rail
controlled by the MAX16067. If the device needs to be
controlled by an on-board FP, consider connecting the
F
P to one bus (such as SMBus) and use the other bus
for in-circuit programming.
U
An unprogrammed MAX16067’s EN_OUT_s go high
impedance. Ensure that this does not cause undesired
circuit behavior. If necessary, connect pulldown resis-
tors to prevent power supplies from turning on.
Table 31. RESET State, Flash State, and Reset Reason
REGISTER ADDRESS
BIT RANGE
DESCRIPTION
r20h
[0]
Reset Output State
0 = RESET is low
1 = RESET is high
[1]
1 = Flash memory is busy
[2]
1 = Last reset asserted due to EN going low
[3]
1 = Last reset asserted due to watchdog timeout
[7:4]
Not used


Similar Part No. - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067ETJ++ MAXIM-MAX16067ETJ+ Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
More results

Similar Description - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com