Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16067 Datasheet(PDF) 40 Page - Maxim Integrated Products

Part # MAX16067
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16067 Datasheet(HTML) 40 Page - Maxim Integrated Products

Back Button MAX16067 Datasheet HTML 36Page - Maxim Integrated Products MAX16067 Datasheet HTML 37Page - Maxim Integrated Products MAX16067 Datasheet HTML 38Page - Maxim Integrated Products MAX16067 Datasheet HTML 39Page - Maxim Integrated Products MAX16067 Datasheet HTML 40Page - Maxim Integrated Products MAX16067 Datasheet HTML 41Page - Maxim Integrated Products MAX16067 Datasheet HTML 42Page - Maxim Integrated Products MAX16067 Datasheet HTML 43Page - Maxim Integrated Products MAX16067 Datasheet HTML 44Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
40 _____________________________________________________________________________________
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Table 29. 32-Bit Identification Code
Table 30. 32-Bit User-Code Data
BYPASS: When the BYPASS instruction is latched into
the instruction register, TDI connects to TDO through the
1-bit bypass test data register. This allows data to pass
from TDI to TDO without affecting the device’s operation.
IDCODE: When the IDCODE instruction is latched into
the parallel instruction register, the identification data
register is selected. The device identification code is
loaded into the identification data register on the rising
edge of TCK following entry into the capture-DR state.
Shift-DR can be used to shift the identification code
out serially through TDO. During test-logic-reset, the
IDCODE instruction is forced into the instruction register.
The identification code always has a ‘1’ in the LSB posi-
tion. The next 11 bits identify the manufacturer’s JEDEC
number and number of continuation bytes followed by
16 bits for the device and 4 bits for the version. See
Table 29.
USERCODE: When the USERCODE instruction latches
into the parallel instruction register, the user-code data
register is selected. The device user-code loads into the
user-code data register on the rising edge of TCK fol-
lowing entry into the capture-DR state. Shift-DR can be
used to shift the user-code out serially through TDO. See
Table 30. This instruction can be used to help identify
multiple MAX16067 devices connected in a JTAG chain.
LOAD ADDRESS: This is an extension to the standard
IEEE 1149.1 instruction set to support access to the
memory in the MAX16067. When the LOAD ADDRESS
instruction latches into the instruction register, TDI con-
nects to TDO through the 8-bit memory address test
data register during the shift-DR state.
READ DATA: This is an extension to the standard
IEEE 1149.1 instruction set to support access to the
memory in the MAX16067. When the READ instruction
latches into the instruction register, TDI connects to TDO
through the 8-bit memory read test data register during
the shift-DR state.
WRITE DATA: This is an extension to the standard
IEEE 1149.1 instruction set to support access to the
memory in the MAX16067. When the WRITE instruction
latches into the instruction register, TDI connects to TDO
through the 8-bit memory write test data register during
the shift-DR state.
REBOOT: This is an extension to the standard IEEE
1149.1 instruction set to initiate a software controlled
reset to the MAX16067. When the REBOOT instruc-
tion latches into the instruction register, the MAX16067
resets and immediately begins the boot-up sequence.
SAVE: This is an extension to the standard IEEE 1149.1
instruction set that triggers a fault log. The current ADC
conversion results along with fault information are saved
to flash depending on the configuration of the Critical
Fault Log Control register (r6Dh).
MSB
LSB
VERSION (4 BITS)
PART NUMBER (16 BITS)
MANUFACTURER (11 BITS)
FIXED VALUE (1 BIT)
0001
1000000000000001
00011001011
1
MSB
LSB
DON’T CARE
SMBUS SLAVE ID
USER ID (r8A[7:0])
00000000000000000
See Table 26


Similar Part No. - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067ETJ++ MAXIM-MAX16067ETJ+ Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
More results

Similar Description - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com