Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16067 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16067
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16067 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16067 Datasheet HTML 1Page - Maxim Integrated Products MAX16067 Datasheet HTML 2Page - Maxim Integrated Products MAX16067 Datasheet HTML 3Page - Maxim Integrated Products MAX16067 Datasheet HTML 4Page - Maxim Integrated Products MAX16067 Datasheet HTML 5Page - Maxim Integrated Products MAX16067 Datasheet HTML 6Page - Maxim Integrated Products MAX16067 Datasheet HTML 7Page - Maxim Integrated Products MAX16067 Datasheet HTML 8Page - Maxim Integrated Products MAX16067 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
4 ______________________________________________________________________________________
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.8V to 14V, TA = TJ = -40NC to +85NC, unless otherwise specified. Typical values are at VABP = VDBP = VCC = 3.3V,
TA = +25NC.) (Note 2)
Note 2: Specifications are guaranteed for the stated global conditions, unless otherwise noted. 100% production tested at TA =
+25NC and TA = +85NC. Specifications at TA = -40NC are guaranteed by design.
Note 3: For VCC of 3.6V or lower, connect VCC, DBP, and ABP together. For higher supply applications, connect only VCC to the
supply rail.
Note 4: Applies to RESET (except for reset timeout period of 25Fs), fault, autoretry, sequence delays, and watchdog timeout.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SMBus TIMING
Serial-Clock Frequency
fSCL
400
kHz
Bus Free Time Between STOP
and START Condition
tBUF
1.3
F
s
START Condition Setup Time
tSU:STA
0.6
F
s
START Condition Hold Time
tHD:STA
0.6
F
s
STOP Condition Setup Time
tSU:STO
0.6
F
s
Clock Low Period
tLOW
1.3
F
s
Clock High Period
tHIGH
0.6
F
s
Data Setup Time
tSU:DAT
100
ns
Output Fall Time
tOF
10pF P CBUS P 400pF
250
ns
Data Hold Time
tHD:DAT
From 50% SCL falling to SDA
change
Receive
0.15
F
s
Transmit
0.3
0.9
Pulse Width of Spike Suppressed
tSP
250
ns
SMBus Timeout
tTIMEOUT SMBCLK time low for reset
22
35
ms
JTAG INTERFACE
TDI, TMS, TCK Logic-Low Input
Voltage
VIL
Input voltage falling
0.8
V
TDI, TMS, TCK Logic-High Input
Voltage
VIH
Input voltage rising
2.0
V
TDO Logic-Output Low Voltage
VOL_TDO ISINK = 3mA
0.4
V
TDO Logic-Output High Voltage
VOH_TDO ISOURCE = 200FA
2.4
V
TDI, TMS Pullup Resistors
RJPU
Pullup to DBP
30
50
65
kI
I/O Capacitance
CI/O
5
pF
TCK Clock Period
t1
1000
ns
TCK High/Low Time
t2, t3
50
500
ns
TCK to TMS, TDI Setup Time
t4
15
ns
TCK to TMS, TDI Hold Time
t5
15
ns
TCK to TDO Delay
t6
500
ns
TCK to TDO High-Z Delay
t7
500
ns


Similar Part No. - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067ETJ++ MAXIM-MAX16067ETJ+ Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
More results

Similar Description - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com