Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16067 Datasheet(PDF) 37 Page - Maxim Integrated Products

Part # MAX16067
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16067 Datasheet(HTML) 37 Page - Maxim Integrated Products

Back Button MAX16067 Datasheet HTML 33Page - Maxim Integrated Products MAX16067 Datasheet HTML 34Page - Maxim Integrated Products MAX16067 Datasheet HTML 35Page - Maxim Integrated Products MAX16067 Datasheet HTML 36Page - Maxim Integrated Products MAX16067 Datasheet HTML 37Page - Maxim Integrated Products MAX16067 Datasheet HTML 38Page - Maxim Integrated Products MAX16067 Datasheet HTML 39Page - Maxim Integrated Products MAX16067 Datasheet HTML 40Page - Maxim Integrated Products MAX16067 Datasheet HTML 41Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
______________________________________________________________________________________ 37
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
SMBALERT (ALERT)
The MAX16067 supports the SMBus alert protocol. To
enable the SMBus alert output, set r40h[4] to ‘1’, then
configure GPIO1 to act as the SMBus alert (ALERT)
according to Table 11. This output is open drain and
uses the wired-OR configuration with other devices
on the SMBus. During a fault, the MAX16067 asserts
ALERT low, signaling the master that an interrupt has
occurred. The master responds by sending the ARA
(Alert Response Address) protocol on the SMBus. This
protocol is a read byte with 09h as the slave address.
The slave acknowledges the ARA (09h) address and
sends its own SMBus address to the master. The slave
then deasserts ALERT. The master can then query the
slave and determine the cause of the fault. By checking
r1C[7], the master can confirm that the MAX16067 trig-
gered the SMBus alert. The master must send the ARA
before clearing r1Ch[7]. Clear r1Ch[7] by writing a ‘1’. If
GPIO1 is configured as the SMBus alert output but the
SMBus alert feature is disabled (r40h[4] is set to ‘0’),
GPIO1 acts as an additional fault output.
JTAG Serial Interface
The MAX16067 features a JTAG port that complies with
a subset of the IEEE 1149.1 specification. Either the
SMBus or the JTAG interface can be used to access
internal memory; however, only one interface is allowed
to run at a time. The MAX16067 contains extra JTAG
instructions and registers not included in the JTAG
specification that provide access to internal memory.
The extra instructions include LOAD ADDRESS, WRITE,
READ, REBOOT, and SAVE.
Figure 13. JTAG Block Diagram
TEST ACCESS PORT
(TAP) CONTROLLER
INSTRUCTION REGISTER
[LENGTH = 5 BITS]
BYPASS REGISTER
[LENGTH = 1 BIT]
IDENTIFICATION REGISTER
[LENGTH = 32 BITS]
USER CODE REGISTER
[LENGTH = 32 BITS]
MEMORY ADDRESS REGISTER
[LENGTH = 8 BITS]
MEMORY READ REGISTER
[LENGTH = 8 BITS]
MEMORY WRITE REGISTER
[LENGTH = 8 BITS]
11111
00000
00011
00100
00101
00110
00111
MUX 2
TDO
TDI
TMS
TCK
01000
REGISTERS
AND EEPROM
01001
01010
01011
01100
MUX 1
00111
01000
01001
01010
01011
01100
REBOOT
SAVE
SETUSRFLSH
RSTFLSHADD
RSTUSRFLSH
SETFLSHADD
COMMAND
DECODER
RPU
VDB


Similar Part No. - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067ETJ++ MAXIM-MAX16067ETJ+ Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
More results

Similar Description - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com