Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16067 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX16067
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16067 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX16067 Datasheet HTML 28Page - Maxim Integrated Products MAX16067 Datasheet HTML 29Page - Maxim Integrated Products MAX16067 Datasheet HTML 30Page - Maxim Integrated Products MAX16067 Datasheet HTML 31Page - Maxim Integrated Products MAX16067 Datasheet HTML 32Page - Maxim Integrated Products MAX16067 Datasheet HTML 33Page - Maxim Integrated Products MAX16067 Datasheet HTML 34Page - Maxim Integrated Products MAX16067 Datasheet HTML 35Page - Maxim Integrated Products MAX16067 Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
32 _____________________________________________________________________________________
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Slave Address
Use the slave address input, A0, to allow multiple identi-
cal devices to share the same serial bus. Connect A0 to
GND, DBP (or an external supply voltage greater than
2V), SCL, or SDA to set the device address on the bus.
See Table 26 for a listing of all possible 7-bit addresses.
The slave address can also be set to a custom value by
loading the address into register r8Bh[6:0]. See Table
25. If r8Bh[6:0] is loaded with 00h, the address is set by
input A0. Do not set the address to 09h or 7Fh to avoid
address conflicts. The slave address setting takes effect
immediately after writing to the register.
Packet Error Checking (PEC)
The MAX16067 features a packet-error checking (PEC)
mode that is useful to improve the reliability of the com-
munication bus by detecting bit errors. By enabling PEC,
an extra CRC-8 error check byte is added in the data
string during each read and/or write sequence. Enable
PEC by writing a ‘1’ to r8Bh[7].
The CRC-8 byte is calculated using the polynomial
C = X8 + X2 + X + 1
The PEC calculation includes all bytes in the transmis-
sion, including address, command and data. The PEC
calculation does not include ACK, NACK, START, STOP,
or REPEATED START.
Command Codes
The MAX16067 uses eight command codes for block
read, block write, and other commands. See Table 27
for a list of command codes.
To initiate a software reboot, send A7h using the send
byte format. A software-initiated reboot is function-
ally the same as a hardware-initiated power-on reset.
During boot-up, flash configuration data in the range
of 230h–28Ch is copied to r30h–r8Ch registers in the
default page.
Send command code A8h to trigger a fault store to flash.
Configure the Critical Fault Log Control register (6Dh) to
store ADC conversion results and/or fault flags.
While in the flash page, send command code A9h to
access the flash page (addresses from 200h–2FFh).
Once command code A9h has been sent, all addresses
are recognized as flash addresses only. Send command
code AAh to return to the default page (addresses from
000h–0FFh). Send command code ABh to access the
user flash-page (addresses from 300h–3FFh), and send
command code ACh to return to the flash page.
Table 25. SMBus Settings Register
Table 26. Setting the SMBus Slave Address
R = Read/write select bit.
REGISTER
ADDRESS
FLASH
ADDRESS
BIT RANGE
DESCRIPTION
8Bh
28Bh
[6:0]
SMBus Slave Address Register. Set to 00h to use A0 pin address
setting.
[7]
1= Enable PEC (Packet Error Check).
SLAVE ADDRESSES
A0
SLAVE ADDRESS
0
1010 100R
1
1010 101R
SCL
1010 110R
SDA
1010 111R


Similar Part No. - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067ETJ++ MAXIM-MAX16067ETJ+ Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
More results

Similar Description - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com