Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16067 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16067
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16067 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16067 Datasheet HTML 1Page - Maxim Integrated Products MAX16067 Datasheet HTML 2Page - Maxim Integrated Products MAX16067 Datasheet HTML 3Page - Maxim Integrated Products MAX16067 Datasheet HTML 4Page - Maxim Integrated Products MAX16067 Datasheet HTML 5Page - Maxim Integrated Products MAX16067 Datasheet HTML 6Page - Maxim Integrated Products MAX16067 Datasheet HTML 7Page - Maxim Integrated Products MAX16067 Datasheet HTML 8Page - Maxim Integrated Products MAX16067 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
_______________________________________________________________________________________ 3
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.8V to 14V, TA = TJ = -40NC to +85NC, unless otherwise specified. Typical values are at VABP = VDBP = VCC = 3.3V,
TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Nonlinearity
ADCDNL
1
LSB
ADC Total Monitoring Cycle Time
tCYCLE
Monitoring all 6 inputs, no MON_ fault
detected
24
30
F
s
ADC MON_ Ranges
ADCRNG
MON_ range set to ‘00’
5.552
V
MON_ range set to ‘01’
2.776
MON_ range set to ‘10’
1.388
ADC LSB Step Size
ADCLSB
MON_ range set to ‘00’
5.42
mV
MON_ range set to ‘01’
2.71
MON_ range set to ‘10’
1.35
ADC Input Leakage Current
1
F
A
ENABLE INPUT (EN)
EN Input-Voltage Threshold
VTH_EN_R EN voltage rising
1.24
V
VTH_EN_F EN voltage falling
1.195
1.215
1.235
EN Input Current
IEN
-0.5
+0.5
F
A
EN Input-Voltage Range
0
3.6
V
OUTPUTS (EN_OUT_, RESET, GPIO_)
Output Voltage Low
VOL
ISINK = 2mA
0.4
V
ISINK = 10mA, GPIO_ only
0.7
VCC = 1.2V, ISINK = 100FA (RESET only)
0.3
Maximum Output Sink Current
Total current into EN_OUT_, RESET, GPIO_,
VCC = 3.3V
30
mA
Output-Voltage High (Push-Pull)
VOH
ISOURCE =100FA
2.4
V
Output-Voltage High (EN_OUT1,
EN_OUT2, EN_OUT3 Configured
as Charge Pumps)
VOH_CP
IEN_OUT_= 1FA
11
11.7
13
V
EN_OUT_ Pullup Current
(Charge Pump)
ICH_UP
VEN_OUT_ = 1V
5.4
7.9
F
A
Output Leakage Current
(Open Drain)
IOUT_LKG
1
F
A
EN_OUT1, EN_OUT2, EN_OUT3 > 11.8V
5
INPUTS (A0, GPIO_)
Input Logic-Low
VIL
0.8
V
Input Logic-High
VIH
2.0
V
WDI Pulse Width
tWDI
100
ns
MR Pulse Width
tMR
2
F
s
SMBus INTERFACE
Logic-Input Low Voltage
VIL
Input voltage falling
0.8
V
Logic-Input High Voltage
VIH
Input voltage rising
2.0
V
Input Leakage Current
VCC shorted to GND, VMON_ = 0 or 6V
-1
+1
F
A
Output Sink Current
VOL
ISINK = 3mA
0.4
V
Input Capacitance
CIN
5
pF


Similar Part No. - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067ETJ++ MAXIM-MAX16067ETJ+ Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
More results

Similar Description - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com