Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16067 Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # MAX16067
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16067 Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAX16067 Datasheet HTML 23Page - Maxim Integrated Products MAX16067 Datasheet HTML 24Page - Maxim Integrated Products MAX16067 Datasheet HTML 25Page - Maxim Integrated Products MAX16067 Datasheet HTML 26Page - Maxim Integrated Products MAX16067 Datasheet HTML 27Page - Maxim Integrated Products MAX16067 Datasheet HTML 28Page - Maxim Integrated Products MAX16067 Datasheet HTML 29Page - Maxim Integrated Products MAX16067 Datasheet HTML 30Page - Maxim Integrated Products MAX16067 Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
______________________________________________________________________________________ 27
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Table 22. Reset Output Configuration (continued)
Watchdog Timer
The watchdog timer operates together with or indepen-
dently of the MAX16067. When operating in dependent
mode, the watchdog is not activated until the sequenc-
ing is complete and RESET is deasserted. When oper-
ating in independent mode, the watchdog timer is
independent of the sequencing operation and activates
immediately after VCC exceeds the UVLO threshold
and the boot phase is complete. Set r73h[4] to ‘0’ to
configure the watchdog in dependent mode. Set r73h[4]
to ‘1’ to configure the watchdog in independent mode.
See Table 23 for more information on configuring the
watchdog timer in dependent or independent mode. The
watchdog timer can be reset by toggling the WDI input
(GPIO4) or by writing a ‘1’ to r75h[5].
Dependent Watchdog Timer Operation
Use the watchdog timer to monitor FP activity in two
modes. Flexible timeout architecture provides an adjust-
able watchdog startup delay of up to 300s, allowing
complicated systems to complete lengthy boot-up rou-
tines. An adjustable watchdog timeout allows the super-
visor to provide quick alerts when the processor activity
fails. After each reset event (VCC drops below UVLO
then returns above UVLO, software reboot, manual reset
(MR), EN input going low then high, or watchdog reset)
and once sequencing is complete, the watchdog startup
delay provides an extended time for the system to power
up and fully initialize all FP and system components
before assuming responsibility for routine watchdog
updates. Set r76h[6:4] to a value other than ‘000’ to
enable the watchdog startup delay. Set r76h[6:4] to ‘000’
to disable the watchdog startup delay.
The normal watchdog timeout period, tWDI, begins after
the first transition on WDI before the conclusion of the
long startup watchdog period, tWDI_STARTUP (Figures 6
and 7). During the normal operating mode, WDO asserts
if the FP does not toggle WDI with a valid transition (high-
to-low or low-to-high) within the standard timeout period,
tWDI. WDO remains asserted until WDI is toggled or
RESET is asserted (Figure 7).
While EN is low, the watchdog timer is in reset. The
watchdog timer does not begin counting until the power-
on mode is reached and RESET is deasserted. The
watchdog timer is reset and WDO deasserts any time
RESET is asserted (Figure 8). The watchdog timer is
held in reset while RESET is asserted.
The watchdog can be configured to control the RESET
output as well as the WDO output. RESET asserts for
the reset timeout, tRP, when the watchdog timer expires
and the Watchdog Reset Output Enable bit (r76h[7]) is
set to ‘1’. When RESET is asserted, the watchdog timer
is cleared and WDO is deasserted, therefore, WDO
pulses low for a short time (approximately 1Fs) when
REGISTER
ADDRESS
FLASH
ADDRESS
BIT RANGE
DESCRIPTION
3Ch
23Ch
[0]
1 = RESET depends on MON1 undervoltage
[1]
1 = RESET depends on MON2 undervoltage
[2]
1 = RESET depends on MON3 undervoltage
[3]
1 = RESET depends on MON4 undervoltage
[4]
1 = RESET depends on MON5 undervoltage
[5]
1 = RESET depends on MON6 undervoltage
[7:6]
Not used
3Dh
23Dh
[0]
1 = RESET depends on MON1 overvoltage
[1]
1 = RESET depends on MON2 overvoltage
[2]
1 = RESET depends on MON3 overvoltage
[3]
1 = RESET depends on MON4 overvoltage
[4]
1 = RESET depends on MON5 overvoltage
[5]
1 = RESET depends on MON6 overvoltage
[7:6]
Not used


Similar Part No. - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067ETJ++ MAXIM-MAX16067ETJ+ Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
More results

Similar Description - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com