Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16067 Datasheet(PDF) 26 Page - Maxim Integrated Products

Part # MAX16067
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16067 Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button MAX16067 Datasheet HTML 22Page - Maxim Integrated Products MAX16067 Datasheet HTML 23Page - Maxim Integrated Products MAX16067 Datasheet HTML 24Page - Maxim Integrated Products MAX16067 Datasheet HTML 25Page - Maxim Integrated Products MAX16067 Datasheet HTML 26Page - Maxim Integrated Products MAX16067 Datasheet HTML 27Page - Maxim Integrated Products MAX16067 Datasheet HTML 28Page - Maxim Integrated Products MAX16067 Datasheet HTML 29Page - Maxim Integrated Products MAX16067 Datasheet HTML 30Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
26 _____________________________________________________________________________________
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Reset Output
The reset output, RESET, indicates the status of the
sequencer and the monitored inputs. It asserts during pow-
er-up/power-down and deasserts following the reset time-
out period once the power-up sequence is complete. The
power-up sequence is complete when any MON_ inputs
assigned to slot 6 exceed the undervoltage thresholds and
the slot 6 sequence delay expires. When no MON_ inputs
are assigned to slot 6, the power-up sequence is complete
after the slot sequence delay expires.
During normal monitoring, RESET can be configured to
assert when any combination of MON_ inputs violates
configurable combinations of undervoltage or overvoltage
thresholds. Select the combination of MON_ inputs using
r3Ch[5:0] and r3Dh[5:0]. Note that MON_ inputs con-
figured as critical faults always cause RESET to assert
regardless of these configuration bits.
RESET can be configured as push-pull or open drain
using r3Bh[3], and active high or active low using
r3Bh[2]. Select the reset timeout by loading a value from
Table 22 into r3Bh[7:4].
To generate a one-shot pulse on RESET, write a ‘1’ into
r3Bh[0]. The pulse width is the configured reset timeout.
Register bit r3Bh[0] clears automatically (see Table 22).
The current state of RESET can be checked by reading
r20h[0].
Table 22. Reset Output Configuration
REGISTER
ADDRESS
FLASH
ADDRESS
BIT RANGE
DESCRIPTION
3Bh
23Bh
[0]
RESET Soft Trigger
0 = Normal RESET behavior
1 = Force RESET to assert
[1]
Not used
[2]
0 = Active low
1 = Active high
[3]
0 = Open drain
1 = Push-pull
[7:4]
Reset Timeout Period
0000 = 25Fs
0001 = 1.5ms
0010 = 2.5ms
0011 = 4ms
0100 = 6ms
0101 = 10ms
0110 = 15ms
0111 = 25ms
1000 = 40ms
1001 = 60ms
1010 = 100ms
1011 = 150ms
1100 = 250ms
1101 = 400ms
1110 = 600ms
1111 = 1s


Similar Part No. - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067ETJ++ MAXIM-MAX16067ETJ+ Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
More results

Similar Description - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com