Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16067 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX16067
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16067 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX16067 Datasheet HTML 21Page - Maxim Integrated Products MAX16067 Datasheet HTML 22Page - Maxim Integrated Products MAX16067 Datasheet HTML 23Page - Maxim Integrated Products MAX16067 Datasheet HTML 24Page - Maxim Integrated Products MAX16067 Datasheet HTML 25Page - Maxim Integrated Products MAX16067 Datasheet HTML 26Page - Maxim Integrated Products MAX16067 Datasheet HTML 27Page - Maxim Integrated Products MAX16067 Datasheet HTML 28Page - Maxim Integrated Products MAX16067 Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
______________________________________________________________________________________ 25
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Table 21. EN_OUT_ GPIO State Registers
EN_OUT_s as GPIO
EN_OUT1–EN_OUT6 can be configured as general-pur-
pose inputs by setting the sequencing slot assignments
in r84h–r86h to ‘1101’ or as general-purpose outputs by
setting the slot assignments to ‘1110’. See Tables 5 and
6. If an EN_OUT_ is configured as a general-purpose
input, the state of the GPIO can be read from r1Fh (see
Table 21). If an EN_OUT_ is configured as a general-
purpose output, it is controlled by r34h.
EN_OUT_ State During Power-Up
When VCC is ramped from 0V to the operating sup-
ply voltage, the EN_OUT_ output is high impedance
until VCC reaches UVLO and then EN_OUT_ goes into
the configured deasserted state. See Figures 4 and 5.
Configure RESET as an active-low push-pull or open-
drain output pulled up to VCC through a 10kI resistor
for Figures 4 and 5.
Figure 4. RESET and EN_OUT_ During Power-Up, EN_OUT_ is
in Open-Drain Active-Low Configuration
Figure 5. RESET and EN_OUT_ During Power-Up, EN_OUT_ is
in Push-Pull Active-High Configuration
REGISTER
ADDRESS
FLASH
ADDRESS
BIT RANGE
DESCRIPTION
1Fh
[0]
EN_OUT1 input state
[1]
EN_OUT2 input state
[2]
EN_OUT3 input state
[3]
EN_OUT4 input state
[4]
EN_OUT5 input state
[5]
EN_OUT6 input state
[7:6]
Not used
34h
234h
[0]
1 = Assert EN_OUT1
[1]
1 = Assert EN_OUT2
[2]
1 = Assert EN_OUT3
[3]
1 = Assert EN_OUT4
[4]
1 = Assert EN_OUT5
[5]
1 = Assert EN_OUT6
[7:6]
Not used
MAX16067 fig04
20ms/div
VCC
2V/div
EN_OUT_
2V/div
0V
RESET
2V/div
0V
0V
MAX16067 fig05
10ms/div
VCC
2V/div
EN_OUT_
2V/div
0V
RESET
2V/div
0V
0V
HIGH-Z
ASSERTED
LOW
UVLO


Similar Part No. - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067ETJ++ MAXIM-MAX16067ETJ+ Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
More results

Similar Description - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com