Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16067 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX16067
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16067 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX16067 Datasheet HTML 19Page - Maxim Integrated Products MAX16067 Datasheet HTML 20Page - Maxim Integrated Products MAX16067 Datasheet HTML 21Page - Maxim Integrated Products MAX16067 Datasheet HTML 22Page - Maxim Integrated Products MAX16067 Datasheet HTML 23Page - Maxim Integrated Products MAX16067 Datasheet HTML 24Page - Maxim Integrated Products MAX16067 Datasheet HTML 25Page - Maxim Integrated Products MAX16067 Datasheet HTML 26Page - Maxim Integrated Products MAX16067 Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
______________________________________________________________________________________ 23
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Table 19. Autoretry Configuration
Programmable Outputs
(EN_OUT1–EN_OUT6)
The MAX16067 includes six programmable outputs.
These outputs are capable of connecting to either the
enable (EN) inputs of a DC-DC or LDO power sup-
ply, or to drive the gate of an n-channel MOSFET in
charge-pump mode. Selectable output configurations
include: active-low or active-high, open-drain or push-
pull. EN_OUT1–EN_OUT3 can act as charge-pump
outputs, EN_OUT1–EN_OUT6 can be configured as
general-purpose inputs or general-purpose outputs. Use
the registers r30h–r33h to configure outputs. See Table
20 for detailed information on configuring EN_OUT1–
EN_OUT6.
In charge-pump configuration: EN_OUT1, EN_OUT2,
and EN_OUT3 act as high-voltage charge-pump out-
puts to drive up to three external n-channel MOSFETs.
During sequencing, an EN_OUT_ output is configured
as a charge-pump output 11V above GND. See the
Sequencing section for more detailed information on
power-supply sequencing.
In open-drain output configuration: Connect an exter-
nal pullup resistor from the output to an external volt-
age up to 5.5V (EN_OUT4, EN_OUT5, EN_OUT6) or
14V (EN_OUT1, EN_OUT2, EN_OUT3) when configured
as an open-drain output. Choose the pullup resistor
depending on the number of devices connected to the
open-drain output and the allowable current consump-
tion. The open-drain output configuration allows wired-
OR connection.
In push-pull configuration: The MAX16067’s program-
mable outputs are referenced to VDBP.
REGISTER
ADDRESS
FLASH
ADDRESS
BIT
RANGE
DESCRIPTION
74h
274h
[2:0]
Retry Delay
000 = 20ms
001 = 40ms
010 = 80ms
011 = 150ms
100 = 280ms
101 = 540ms
110 = 1s
111 = 2s
[4:3]
Autoretry/Latch Mode
00 = Latch
01 = Retry 1 time
10 = Retry 3 times
11 = Always retry


Similar Part No. - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067ETJ++ MAXIM-MAX16067ETJ+ Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
More results

Similar Description - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com