Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16067 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX16067
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16067 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX16067 Datasheet HTML 18Page - Maxim Integrated Products MAX16067 Datasheet HTML 19Page - Maxim Integrated Products MAX16067 Datasheet HTML 20Page - Maxim Integrated Products MAX16067 Datasheet HTML 21Page - Maxim Integrated Products MAX16067 Datasheet HTML 22Page - Maxim Integrated Products MAX16067 Datasheet HTML 23Page - Maxim Integrated Products MAX16067 Datasheet HTML 24Page - Maxim Integrated Products MAX16067 Datasheet HTML 25Page - Maxim Integrated Products MAX16067 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
22 _____________________________________________________________________________________
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Table 18. Nonvolatile Fault Log Registers
Autoretry/Latch Mode
The MAX16067 can be configured for one of two fault
management methods: autoretry or latch-on-fault. Set
r74h[4:3] to ‘00’ to select the latch-on-fault mode. In
this configuration, EN_OUT_s deassert after a critical
fault event. The device does not reinitiate the power-up
sequence until EN is toggled or the software enable bit
is toggled. See the Enable Input (EN) section for more
information on setting the software enable bit.
Set r74h[4:3] to a value other than ‘00’ to select autoretry
mode (see Table 19). In this configuration, the device
shuts down after a critical fault event then restarts fol-
lowing a configurable delay. Use r74h[2:0] to select an
autoretry delay from 20ms to 1.6s. See Table 19 for more
information on setting the autoretry delay.
When fault information is stored in flash (see the Critical
Faults section) and autoretry mode is selected, set an
autoretry delay greater than the time required for the
storing operation. When fault information is stored in
flash and latch-on-fault mode is chosen, toggle EN or
reset the software enable bit only after the completion of
the storing operation. When saving information about the
failed lines only, ensure a delay of at least 12ms before
the restart procedure. Otherwise, ensure a minimum
153ms timeout, to ensure that ADC conversions are
completed and values are stored correctly in flash.
FLASH
ADDRESS
BIT RANGE
DESCRIPTION
200h
[3:0]
Sequencer state where the fault has happened (see Table 1 for state codes).
Fault has happened during power-up if bit [3] = 0 and during power-down if [3] = 1.
Bits [2:0] indicate the slot number.
[7:4]
Not used
201h
[0]
Fault log triggered on MON1 falling below its undervoltage threshold
[1]
Fault log triggered on MON2 falling below its undervoltage threshold
[2]
Fault log triggered on MON3 falling below its undervoltage threshold
[3]
Fault log triggered on MON4 falling below its undervoltage threshold
[4]
Fault log triggered on MON5 falling below its undervoltage threshold
[5]
Fault log triggered on MON6 falling below its undervoltage threshold
[7:6]
Not used
202h
[0]
Fault log triggered on MON1 exceeding its overvoltage threshold
[1]
Fault log triggered on MON2 exceeding its overvoltage threshold
[2]
Fault log triggered on MON3 exceeding its overvoltage threshold
[3]
Fault log triggered on MON4 exceeding its overvoltage threshold
[4]
Fault log triggered on MON5 exceeding its overvoltage threshold
[5]
Fault log triggered on MON6 exceeding its overvoltage threshold
[6]
Fault log triggered on EXTFAULT
[7]
Not used
203h
[7:0]
MON1 ADC output (8 MSBs)
204h
[7:0]
MON2 ADC output (8 MSBs)
205h
[7:0]
MON3 ADC output (8 MSBs)
206h
[7:0]
MON4 ADC output (8 MSBs)
207h
[7:0]
MON5 ADC output (8 MSBs)
208h
[7:0]
MON6 ADC output (8 MSBs)


Similar Part No. - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067ETJ++ MAXIM-MAX16067ETJ+ Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
More results

Similar Description - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com