Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16067 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX16067
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16067 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX16067 Datasheet HTML 17Page - Maxim Integrated Products MAX16067 Datasheet HTML 18Page - Maxim Integrated Products MAX16067 Datasheet HTML 19Page - Maxim Integrated Products MAX16067 Datasheet HTML 20Page - Maxim Integrated Products MAX16067 Datasheet HTML 21Page - Maxim Integrated Products MAX16067 Datasheet HTML 22Page - Maxim Integrated Products MAX16067 Datasheet HTML 23Page - Maxim Integrated Products MAX16067 Datasheet HTML 24Page - Maxim Integrated Products MAX16067 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
______________________________________________________________________________________ 21
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Table 17. Critical Fault Configuration
Critical Faults
During normal operation, a fault condition can be con-
figured to shut down all the EN_OUT_s and store fault
information in the flash memory by setting the appro-
priate critical fault enable bits. During power-up and
power-down, all sequenced MON inputs are considered
critical. Faults during power-up and power-down always
cause the EN_OUT_s to turn off and can store fault infor-
mation in the flash memory, depending on the contents
of r6Dh[1:0]. Set the appropriate critical fault enable bits
in registers r6Eh–r72h (see Table 17) for a fault condition
to trigger a critical fault.
Logged fault information is stored in flash registers
r200h–r208h (see Table 18). After fault information is
logged, the flash is locked and must be unlocked to
enable a new fault log to be stored. Write a ‘0’ to r8Ch[1]
to unlock the configuration flash. Fault information can
be configured to store ADC conversion results and/or
fault flags in registers. Select the critical fault configura-
tion in r6Dh[1:0]. Set r6Dh[1:0] to ‘11’ to turn off the fault
logger. All stored ADC results are 8 bits wide (MSBs of
the conversion).
Power-Up/Power-Down Faults
All EN_OUT_s deassert when an overvoltage or under-
voltage fault is detected during power-up/power-down
and the MAX16067 enters to the fault state. Fault infor-
mation can be stored to flash depending on r6D[1:0]
(see Table 17).
REGISTER
ADDRESS
FLASH
ADDRESS
BIT
RANGE
DESCRIPTION
6Dh
26Dh
[1:0]
Fault Information to Log
00 = Save failed line flags and ADC values in flash
01 = Save only failed line flags in flash
10 = Save only ADC values in flash
11 = Do not save anything
[2]
1 = Fault log triggered when EXTFAULT is pulled low externally
[7:3]
Not used
6Eh
26Eh
[0]
1 = Fault log triggered when MON1 is below its undervoltage threshold
[1]
1 = Fault log triggered when MON2 is below its undervoltage threshold
[2]
1 = Fault log triggered when MON3 is below its undervoltage threshold
[3]
1 = Fault log triggered when MON4 is below its undervoltage threshold
[4]
1 = Fault log triggered when MON5 is below its undervoltage threshold
[5]
1 = Fault log triggered when MON6 is below its undervoltage threshold
[7:6]
Not used
6Fh
26Fh
[3:0]
Not used
[4]
1 = Fault log triggered when MON1 is above its overvoltage threshold
[5]
1 = Fault log triggered when MON2 is above its overvoltage threshold
[6]
1 = Fault log triggered when MON3 is above its overvoltage threshold
[7]
1 = Fault log triggered when MON4 is above its overvoltage threshold
70h
270h
[0]
1 = Fault log triggered when MON5 is above its overvoltage threshold
[1]
1 = Fault log triggered when MON6 is above its overvoltage threshold
[7:2]
Not used
71h
271h
[7:0]
Not used
72h
272h
[4:0]
Not used
[5]
1 = EXTFAULT pulled low externally causes sequencer to enter fault state, turning
off all EN_OUT_s
0 = EXTFAULT pulled low externally does not cause sequencer to enter fault state
[7:6]
Not used


Similar Part No. - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067ETJ++ MAXIM-MAX16067ETJ+ Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
More results

Similar Description - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com