Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16067 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX16067
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16067 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX16067 Datasheet HTML 16Page - Maxim Integrated Products MAX16067 Datasheet HTML 17Page - Maxim Integrated Products MAX16067 Datasheet HTML 18Page - Maxim Integrated Products MAX16067 Datasheet HTML 19Page - Maxim Integrated Products MAX16067 Datasheet HTML 20Page - Maxim Integrated Products MAX16067 Datasheet HTML 21Page - Maxim Integrated Products MAX16067 Datasheet HTML 22Page - Maxim Integrated Products MAX16067 Datasheet HTML 23Page - Maxim Integrated Products MAX16067 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
20 _____________________________________________________________________________________
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Deglitch
Fault conditions are detected at the end of each conver-
sion. When the voltage on an input falls outside a moni-
tored threshold for one acquisition, the input multiplexer
remains on that channel and performs several succes-
sive conversions. To trigger a fault, the input must stay
outside the threshold for a certain number of acquisitions
as determined by the deglitch setting in r74h[6:5] (see
Table 15).
Fault Flags
Fault flags indicate the fault status of a particular input.
The fault flag of any monitored input in the device can be
read at any time from registers r1Bh and r1Ch, as shown
in Table 16. Clear a fault flag by writing a ‘1’ to the appro-
priate bit in the flag register. Unlike the fault signals sent
to the fault outputs, these bits are masked by the critical
fault enable bits (see Table 17). The fault flag is only set
when the matching enable bit in the critical fault enable
register is also set.
If GPIO6 is configured as the EXTFAULT input/output
and EXTFAULT is pulled low by an external circuit, bit
r1Ch[6] is set.
The SMB Alert (ALERT) bit is set if the MAX16067 has
asserted the SMBus Alert output. Clear by writing a ‘1’.
See the SMBALERT (ALERT) section for more details.
Table 15. Deglitch Configuration
Table 16. Fault Flags
REGISTER
ADDRESS
FLASH
ADDRESS
BIT RANGE
DESCRIPTION
74h
274h
[6:5]
Voltage comparator deglitch configuration
00 = 2 cycles
01 = 4 cycles
10 = 8 cycles
11 = 16 cycles
REGISTER
ADDRESS
BIT RANGE
DESCRIPTION
1Bh
[0]
MON1 undervoltage threshold
[1]
MON2 undervoltage threshold
[2]
MON3 undervoltage threshold
[3]
MON4 undervoltage threshold
[4]
MON5 undervoltage threshold
[5]
MON6 undervoltage threshold
[7:6]
Reserved
1Ch
[0]
MON1 overvoltage threshold
[1]
MON2 overvoltage threshold
[2]
MON3 overvoltage threshold
[3]
MON4 overvoltage threshold
[4]
MON5 overvoltage threshold
[5]
MON6 overvoltage threshold
[6]
External fault (EXTFAULT)
[7]
SMB alert


Similar Part No. - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067ETJ++ MAXIM-MAX16067ETJ+ Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
More results

Similar Description - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com