Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16067 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16067
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16067 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16067 Datasheet HTML 1Page - Maxim Integrated Products MAX16067 Datasheet HTML 2Page - Maxim Integrated Products MAX16067 Datasheet HTML 3Page - Maxim Integrated Products MAX16067 Datasheet HTML 4Page - Maxim Integrated Products MAX16067 Datasheet HTML 5Page - Maxim Integrated Products MAX16067 Datasheet HTML 6Page - Maxim Integrated Products MAX16067 Datasheet HTML 7Page - Maxim Integrated Products MAX16067 Datasheet HTML 8Page - Maxim Integrated Products MAX16067 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
2 ______________________________________________________________________________________
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
VCC to GND...............……………………………….-0.3V to +15V
MON_, SCL, SDA, A0 to GND ................................-0.3V to +6V
EN, TCK, TMS, TDI to GND ....................................-0.3V to +4V
TDO to GND............................................-0.3V to (VDBP + 0.3V)
EN_OUT1, EN_OUT2, EN_OUT3
(configured as open-drain) to GND ..................-0.3V to +15V
EN_OUT1, EN_OUT2, EN_OUT3
(configured as charge pump) to GND..............-0.3V to +15V
EN_OUT4, EN_OUT5, EN_OUT6, RESET, GPIO_
(configured as open-drain) to GND.....................-0.3V to +6V
EN_OUT_, RESET, GPIO_ (configured as push-pull)
to GND .................................................-0.3V to (VDBP + 0.3V)
DBP, ABP to GND .......................................-0.3V to minimum of
(4V and (VCC + 0.3V))
Continuous Current (all other pins)................................. Q20mA
Continuous Current (GND, pin 5).................................... Q30mA
Continuous Power Dissipation (TA = +70NC)
32-Pin TQFN (derate 34.5mW/NC above +70NC)..... 2759mW*
Thermal Resistance (Note 1)
B
JA................................................................................29NC/W
B
JC .................................................................................2NC/W
Operating Temperature Range.......................... -40NC to +85NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
ELECTRICAL CHARACTERISTICS
(VCC = 2.8V to 14V, TA = TJ = -40NC to +85NC, unless otherwise specified. Typical values are at VABP = VDBP = VCC = 3.3V,
TA = +25NC.) (Note 2)
ABSOLUTE MAXIMUM RATINGS
*As per JEDEC 51 Standard, Multilayer Board (PCB).
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
RESET output asserted low
1.2
V
2.8
14
Undervoltage Lockout
VUVLO
Minimum voltage on VCC to ensure the
device is flash configurable
2.7
V
Undervoltage Lockout Hysteresis
UVLOHYS
55
mV
Minimum Flash Operating Voltage
VFLASH
Minimum voltage on VCC to ensure flash
erase and write operations
2.7
V
Supply Current
ICC1
No load on any output
2.8
4
mA
ICC2
No load on any output, during flash writing
cycle
7.7
14
VCC = VABP = VDBP = 3.6V (Note 3)
5
DBP Regulator Voltage
VDBP
VCC = 5V, CDBP = 1FF, no load
2.8
3
3.2
V
ABP Regulator Voltage
VABP
VCC = 5V, CABP = 1FF, no load
2.85
3
3.15
V
Boot Time
tBOOT
VCC > VUVLO
100
200
F
s
Flash Writing Time
8-byte word
122
ms
Internal Timing Accuracy
(Note 4)
-10
+10
%
ADC
Resolution
10
Bits
Gain Error
ADCGAIN
TA = +25NC
0.35
%
TA = -40NC to +85NC
0.75
Offset Error
ADCOFF
1.50
LSB
Integral Nonlinearity
ADCINL
1
LSB


Similar Part No. - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067ETJ++ MAXIM-MAX16067ETJ+ Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
More results

Similar Description - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com