Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16067 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX16067
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16067 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX16067 Datasheet HTML 11Page - Maxim Integrated Products MAX16067 Datasheet HTML 12Page - Maxim Integrated Products MAX16067 Datasheet HTML 13Page - Maxim Integrated Products MAX16067 Datasheet HTML 14Page - Maxim Integrated Products MAX16067 Datasheet HTML 15Page - Maxim Integrated Products MAX16067 Datasheet HTML 16Page - Maxim Integrated Products MAX16067 Datasheet HTML 17Page - Maxim Integrated Products MAX16067 Datasheet HTML 18Page - Maxim Integrated Products MAX16067 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
______________________________________________________________________________________ 15
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Power-Up
On power-up, when EN is high and the software enable
bit is ‘1’, the MAX16067 begins sequencing with Slot
0. After the sequencing delay for Slot 0 expires, the
sequencer advances to Slot 1, and all EN_OUT_s
assigned to the slot assert. All MON_ inputs assigned to
Slot 1 are monitored and when the voltage rises above
the undervoltage (UV) fault threshold, the sequence
delay counter is started. When the sequence delay
expires, the MAX16067 proceeds to the next slot.
When the tFAULT counter expires before all MON_ inputs
assigned to the slot are above the fault UV threshold, a
fault asserts. EN_OUT_ outputs are disabled and the
MAX16067 returns to the fault state. Register r75h[4:1]
sets the tFAULT delay. See Table 7 for details.
After the voltages on all MON_ inputs assigned to the
last slot exceed the UV fault threshold and the slot delay
expires, the MAX16067 starts the reset timeout counter.
After the reset timeout, RESET deasserts. See Table 22
for more information on setting the reset timeout.
Power-Down
Power-down starts when EN is pulled low or the software
enable bit is set to ‘0.’ Power down EN_OUT_s simul-
taneously or in reverse sequence mode by setting the
reverse sequence bit (r75h[0]) appropriately. Set r75h[0]
to ‘1’ to power down in reverse sequence.
Reverse Sequence Mode
When the MAX16067 is fully powered up and EN is
pulled low or the software enable bit is set to ‘0’, the
EN_OUT_s assigned to Slot 6 deassert, the MAX16067
waits for the Slot 6 sequence delay and then proceeds to
the previous slot (Slot 5), and so on until the EN_OUT_s
assigned to Slot 1 turn off. When simultaneous power-
down is selected (r75h[0] is set to ‘0’), all EN_OUT_s turn
off at the same time.
Voltage Monitoring
The MAX16067 features an internal 10-bit ADC that mon-
itors the MON_ voltage inputs. An internal multiplexer
cycles through each of the enabled inputs, taking less
than 24Fs for a complete monitoring cycle. Each acquisi-
tion takes approximately 4Fs. At each multiplexer stop,
the 10-bit ADC converts the analog input to a digital
result and stores the result in a register. ADC conversion
results are stored in registers r00h–r0Bh (see Table 9).
Use the SMBus or JTAG serial interface to read ADC
conversion results.
The MAX16067 provides six inputs, MON1–MON6,
for voltage monitoring. Each input-voltage range
is programmable in registers r43h–r44h (see Table
8). When MON_ configuration registers are set to ’11,’
MON_ voltages are not monitored and the multiplexer
does not stop at these inputs, decreasing the total cycle
time. These inputs cannot be configured to trigger fault
conditions.
The two programmable thresholds for each monitored
voltage include an overvoltage and an undervoltage
threshold. See the Faults section for more information
on setting overvoltage and undervoltage thresholds. All
voltage thresholds are 8 bits wide. The 8 MSBs of the
10-bit ADC conversion result are compared to these
overvoltage and undervoltage thresholds.
For any undervoltage or overvoltage condition to be
monitored and any faults detected, the MON_ input must
be assigned to a sequence order or set to monitoring
mode as described in the Sequencing section. Inputs
that are not enabled are not converted by the ADC; they
contain the last value acquired before that channel was
disabled. The ADC conversion result registers are reset
to 00h at boot-up. These registers are not reset when a
reboot command is executed.
To temporarily disable voltage monitoring during voltage
margining conditions, set r73h[2] to ‘1’ to enable margin-
ing mode functionality. Faults, except for faults triggered
by EXTFAULT pulled low externally, are not recorded
when the device is in margining mode but the ADC
continues to run and conversion results continue to be
available. Set r73h[2] back to ‘0’ for normal functionality.
Table 7. tFAULT Delay Settings
r75h[4:1]
FAULT DELAY
0000
120Fs
0001
150Fs
0010
250Fs
0011
380Fs
0100
600Fs
0101
1ms
0110
1.5ms
0111
2.5ms
1000
4ms
1001
6ms
1010
10ms
1011
15ms
1100
25ms
1101
40ms
1110
60ms
1111
100ms


Similar Part No. - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067ETJ++ MAXIM-MAX16067ETJ+ Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
More results

Similar Description - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com