Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16067 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX16067
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16067 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX16067 Datasheet HTML 10Page - Maxim Integrated Products MAX16067 Datasheet HTML 11Page - Maxim Integrated Products MAX16067 Datasheet HTML 12Page - Maxim Integrated Products MAX16067 Datasheet HTML 13Page - Maxim Integrated Products MAX16067 Datasheet HTML 14Page - Maxim Integrated Products MAX16067 Datasheet HTML 15Page - Maxim Integrated Products MAX16067 Datasheet HTML 16Page - Maxim Integrated Products MAX16067 Datasheet HTML 17Page - Maxim Integrated Products MAX16067 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
14 _____________________________________________________________________________________
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Table 5. MON_ and EN_OUT_ Assignment Registers
Table 6b. EN_OUT_ Slot Assignment
Codes
Table 6a. MON_ Slot Assignment Codes
REGISTER
ADDRESS
FLASH
ADDRESS
BIT RANGE
DESCRIPTION
7Eh
27Eh
[2:0]
MON1
[3]
Not used
[6:4]
MON2
[7]
Not used
7Fh
27Fh
[2:0]
MON3
[3]
Not used
[6:4]
MON4
[7]
Not used
80h
280h
[2:0]
MON5
[3]
Not used
[6:4]
MON6
[7]
Not used
81h–83h
281h–283h
Not used
84h
284h
[3:0]
EN_OUT1
[7:4]
EN_OUT2
85h
285h
[3:0]
EN_OUT3
[7:4]
EN_OUT4
86h
286h
[3:0]
EN_OUT5
[7:4]
EN_OUT6
SLOT ASSIGNMENT
CODE
MON_ DESCRIPTION
000
Not assigned
001
Slot 1
010
Slot 2
011
Slot 3
100
Slot 4
101
Slot 5
110
Slot 6
111
Monitoring-only state
SLOT ASSIGNMENT
CODE
EN_OUT_ DESCRIPTION
0000
Not assigned
0001
Slot 1
0010
Slot 2
0011
Slot 3
0100
Slot 4
0101
Slot 5
0110
Slot 6
1101
General-purpose input
1110
General-purpose output
All other unspecified codes are not assigned.


Similar Part No. - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067ETJ++ MAXIM-MAX16067ETJ+ Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
More results

Similar Description - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com