Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16067 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX16067
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16067 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX16067 Datasheet HTML 8Page - Maxim Integrated Products MAX16067 Datasheet HTML 9Page - Maxim Integrated Products MAX16067 Datasheet HTML 10Page - Maxim Integrated Products MAX16067 Datasheet HTML 11Page - Maxim Integrated Products MAX16067 Datasheet HTML 12Page - Maxim Integrated Products MAX16067 Datasheet HTML 13Page - Maxim Integrated Products MAX16067 Datasheet HTML 14Page - Maxim Integrated Products MAX16067 Datasheet HTML 15Page - Maxim Integrated Products MAX16067 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
12 _____________________________________________________________________________________
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
Monitoring Inputs While Sequencing
An enabled MON_ input can be assigned to a slot
ranging from Slot 1 to Slot 6. EN_OUT_s are always
asserted at the beginning of a slot. The supply voltages
connected to the MON_ inputs must exceed the under-
voltage threshold before the programmed fault timeout
period expires, otherwise, a fault condition occurs. Once
a MON_ input crosses the undervoltage threshold, the
monitoring for overvoltage begins. The undervoltage
and overvoltage threshold checking cannot be disabled
during power-up and power-down. See Tables 5 and
6 for the MON_ slot assignment bits. The programmed
sequence delay is then counted before moving to the
next slot.
Slot 0 does not monitor any MON_ input and does not
control any EN_OUT_. Slot 0 waits for the software
enable bit r73h[0] to be a logic-high and for the voltage
on EN to rise above 1.24V (typ) before initiating the pow-
er-up sequence and counting its own sequence delay.
Any MON_ input that suffers a fault during power-up
sequencing causes all the EN_OUT_s to turn off and
the sequencer to shut down regardless of the state of
the critical fault enables (see the Faults section). If a
MON_ input is less critical to system operation, it can
be configured as “monitoring only” (see Table 6a) for
sequencing. Monitoring for MON_ inputs assigned as
“monitoring only” begins after sequencing is complete,
and can trigger a critical fault only if specifically config-
ured to do so using the critical fault enables.
Table 3. Power-Up/Power-Down Slot Delays
Table 4. Software Enable Configurations
Code
Value
0000 0000
1111 1111
(
)
(
)
(
)
(
)
6
a
6
0
SEQ
t
5 10
2
16 b
5 10
2
16 0
80 s
=
×
×
×
+
=
×
×
×
+
=
µ
(
)
(
)
(
)
(
)
6
a
6
15
SEQ
t
5 10
2
16 b
5 10
2
16 15
5.079s
=
×
×
×
+
=
×
×
×
+
=
REGISTER
ADDRESS
FLASH
ADDRESS
BIT RANGE
DESCRIPTION
73h
273h
[0]
Software enable
1 = Sequencing enabled
0 = Power-down
[1]
Reserved
[2]
1 = Margin mode enabled
[3]
Reserved
[4]
Independent watchdog mode enable
1 = Watchdog timer is independent of sequencer
0 = Watchdog timer boots after sequence completes


Similar Part No. - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067ETJ++ MAXIM-MAX16067ETJ+ Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
More results

Similar Description - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com