Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16067 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX16067
Description  6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16067 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX16067 Datasheet HTML 7Page - Maxim Integrated Products MAX16067 Datasheet HTML 8Page - Maxim Integrated Products MAX16067 Datasheet HTML 9Page - Maxim Integrated Products MAX16067 Datasheet HTML 10Page - Maxim Integrated Products MAX16067 Datasheet HTML 11Page - Maxim Integrated Products MAX16067 Datasheet HTML 12Page - Maxim Integrated Products MAX16067 Datasheet HTML 13Page - Maxim Integrated Products MAX16067 Datasheet HTML 14Page - Maxim Integrated Products MAX16067 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
______________________________________________________________________________________ 11
6-Channel, Flash-Configurable System Manager
with Nonvolatile Fault Registers
A sequencing delay occurs between each slot and is
configured in registers 77h–7Dh as shown in Table 2.
Each sequencing delay is stored as an 8-bit value and
is calculated as follows:
(
)
(
)
6
a
SEQ
t
5 10
2
16 b
=
×
×
×
+
where tSEQ is in seconds, a is the decimal value of the
4 MSBs and b is the decimal value of the 4 LSBs. See
Table 3 for example calculations.
Enable Input (EN)
To initiate sequencing and enable monitoring, the volt-
age at EN must be above 1.24V (typ) and the software
enable bit in r73h[0] must be set to ‘1.’ To power down
and disable monitoring, either pull EN below 1.215V
(typ) or set the software enable bit to ‘0.’ See Table 4 for
the software enable bit configurations. Connect EN to
ABP if not used.
If a fault condition occurs during the power-up cycle,
the EN_OUT_ outputs are powered down immediately,
regardless of the state of EN. In the monitoring state,
if EN falls below the threshold, the sequencing state
machine begins the power-down sequence. If EN rises
above the threshold during the power-down sequence,
the sequence state machine continues the power-down
sequence until all the channels are powered off and then
the device immediately begins the power-up sequence.
When in the monitoring state, and when EN falls below
the undervoltage threshold, a register bit, ENRESET
(r20h[2]), is set to a ‘1.’ This register bit latches and must
be cleared through software. This bit indicates if RESET
asserted low due to EN going under the threshold. The
POR state of ENRESET is ‘0’. The bit is only set on a fall-
ing edge of the EN comparator output or the software
enable bit. If operating in latch-on fault mode, toggle
EN or toggle the software enable bit to clear the latch
condition and restart the device once the fault condition
has been removed.
Table 1. Current Sequencer Slot
Table 2. Slot Delay Register
REGISTER
ADDRESS
BIT RANGE
DESCRIPTION
21h
[3:0]
Current-sequencer state
0000 = Slot0
0001 = Slot1
0010 = Slot2
0011 = Slot3
0100 = Slot4
0101 = Slot5
0110 = Slot6
0111 = Power-on mode
1000 = Fault state
1001 to 1111 = Unused
[7:4]
Reserved
REGISTER
ADDRESS
FLASH
ADDRESS
BIT RANGE
DESCRIPTION
77h
277h
[7:0]
Sequence slot 0 to slot 1 delay
78h
278h
[7:0]
Sequence slot 1 to slot 2 delay
79h
279h
[7:0]
Sequence slot 2 to slot 3 delay
7Ah
27Ah
[7:0]
Sequence slot 3 to slot 4 delay
7Bh
27Bh
[7:0]
Sequence slot 4 to slot 5 delay
7Ch
27Ch
[7:0]
Sequence slot 5 to slot 6 delay
7Dh
27Dh
[7:0]
Sequence slot 6 to power-on state delay


Similar Part No. - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067ETJ++ MAXIM-MAX16067ETJ+ Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
More results

Similar Description - MAX16067

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com