Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5529 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5529
Description  One-Time Programmable, Linear-Taper Digital Potentiometers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5529 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5529 Datasheet HTML 1Page - Maxim Integrated Products MAX5529 Datasheet HTML 2Page - Maxim Integrated Products MAX5529 Datasheet HTML 3Page - Maxim Integrated Products MAX5529 Datasheet HTML 4Page - Maxim Integrated Products MAX5529 Datasheet HTML 5Page - Maxim Integrated Products MAX5529 Datasheet HTML 6Page - Maxim Integrated Products MAX5529 Datasheet HTML 7Page - Maxim Integrated Products MAX5529 Datasheet HTML 8Page - Maxim Integrated Products MAX5529 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
One-Time Programmable, Linear-Taper Digital
Potentiometers
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = +5.0V, TA = +25
°C, unless otherwise noted.)
MAX5527 R-DNL ERROR
vs. WIPER POSITION
WIPER POSITION
48
32
16
-0.005
0
0.005
0.010
-0.010
064
MAX5527 R-INL ERROR
vs. WIPER POSITION
WIPER POSITION
48
32
16
-0.005
0
0.005
0.010
-0.010
064
MAX5528 R-DNL ERROR
vs. WIPER POSITION
WIPER POSITION
48
32
16
-0.005
0
0.005
0.010
-0.010
064
MAX5528 R-INL ERROR
vs. WIPER POSITION
WIPER POSITION
48
32
16
-0.005
0
0.005
0.010
-0.010
064
MAX5529 R-DNL ERROR
vs. WIPER POSITION
WIPER POSITION
48
32
16
-0.005
0
0.005
0.010
-0.010
064
MAX5529 R-INL ERROR
vs. WIPER POSITION
WIPER POSITION
48
32
16
-0.005
0
0.005
0.010
-0.010
064
WIPER RESISTANCE vs. WIPER VOLTAGE
WIPER VOLTAGE
4
3
2
1
25
50
75
100
125
150
0
05
VDD = 3V
VDD = 5V
MAX5527: VDD = 5V, ISOURCE = 50
μA
VDD = 3V, ISOURCE = 30
μA
MAX5528: VDD = 5V, ISOURCE = 100
μA
VDD = 3V, ISOURCE = 60
μA
MAX5529: VDD = 5V, ISOURCE = 500
μA
VDD = 3V, ISOURCE = 300
μA
END-TO-END RESISTANCE PERCENTAGE
CHANGE vs. TEMPERATURE
TEMPERATURE (
°C)
85
60
-15
10
35
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
-0.4
-40
110
W-TO-L RESISTANCE vs. WIPER POSITION
10
20
30
40
50
60
70
80
90
100
0
WIPER POSITION
48
32
16
064
MAX5527
MAX5528
MAX5529


Similar Part No. - MAX5529

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX552 MAXIM-MAX552 Datasheet
99Kb / 12P
   3V/5V, 12-Bit, Serial, Multiplying DACs in 10-Pin 關MAX Package
MAX5520 MAXIM-MAX5520 Datasheet
446Kb / 10P
   MAX5535 Evaluation Kit
Rev 1; 4/08
MAX5521 MAXIM-MAX5521 Datasheet
446Kb / 10P
   MAX5535 Evaluation Kit
Rev 1; 4/08
MAX5522 MAXIM-MAX5522 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
19-3064; Rev 1; 12/04
MAX5522EUA MAXIM-MAX5522EUA Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04
More results

Similar Description - MAX5529

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401 Datasheet
96Kb / 17P
   Four linear-taper digitally programmable potentiometers
logo
Maxim Integrated Produc...
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
logo
Analog Devices
AD5173BRMZ2.5 AD-AD5173BRMZ2.5 Datasheet
864Kb / 24P
   256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
logo
Maxim Integrated Produc...
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
logo
Analog Devices
AD5172 AD-AD5172 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com