Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5529 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5529
Description  One-Time Programmable, Linear-Taper Digital Potentiometers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5529 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5529 Datasheet HTML 3Page - Maxim Integrated Products MAX5529 Datasheet HTML 4Page - Maxim Integrated Products MAX5529 Datasheet HTML 5Page - Maxim Integrated Products MAX5529 Datasheet HTML 6Page - Maxim Integrated Products MAX5529 Datasheet HTML 7Page - Maxim Integrated Products MAX5529 Datasheet HTML 8Page - Maxim Integrated Products MAX5529 Datasheet HTML 9Page - Maxim Integrated Products MAX5529 Datasheet HTML 10Page - Maxim Integrated Products MAX5529 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Detailed Description
The MAX5527/MAX5528/MAX5529 100k
Ω/50kΩ/10kΩ
end-to-end resistance digitally-controlled potentiome-
ters offer 64 wiper tap positions accessible along the
resistor array between H and L. These devices function
as potentiometers or variable resistors (see Figure 1).
The wiper (W) position is adjusted sequentially through
the tap positions using a simple 2-wire up/down inter-
face. These digital potentiometers provide an optional
one-time programmable feature that sets and locks the
power-on reset position of the wiper (see the
PV One-
Time Programming section). Once the desired wiper
position is programmed, the 2-wire interface can be
disabled to prevent unwanted adjustment.
Digital Interface Operation
The MAX5527/MAX5528/MAX5529 provide two modes
of operation when the serial interface is active: incre-
ment mode or decrement mode. The serial interface is
only active when
CS is low.
The
CS and U/D inputs control the position of the wiper
along the resistor array. Set U/
D high to increment the
MAX5527/MAX5528/MAX5529 when
CS transitions
from high to low (Figure 2). Set U/
D low to decrement
the MAX5527/MAX5528/MAX5529 when
CS transitions
high to low (Figure 3). Once
CS is held low, each low-
to-high transition at U/
D increments or decrements the
wiper one position. Once the increment or decrement
mode is set, the device remains in that mode until
CS
goes high.
Idle U/
D high for normal operation. If U/D is low when
CS transitions low to high, the wiper moves one addi-
tional tap in its present direction. The wiper remains in
the same position when U/
D is high and CS transitions
low to high. After
CS returns high, the wiper position
remains the same (Figure 4).
Additional increments do not change the wiper position
when the wiper is at the maximum end of the resistor
array. Additional decrements do not change the wiper
position when the wiper is at the minimum end of the
resistor array.
H
L
H
L
W
POTENTIOMETER
CONFIGURATION
VARIABLE-RESISTOR
CONFIGURATION
W
Figure 1. Potentiometer/Variable-Resistor Configuration
Pin Description
PIN
NAME
DESCRIPTION
1
W
Wiper Connection
2
CS
Chip-Select Input. A high-to-low
CS transition determines the increment/decrement mode. Increment
if U/
D is high, or decrement if U/D is low. CS is also used for one-time programming. See the PV One-
Time Programming section.
3VDD
Supply Voltage. Bypass with a 0.1µF capacitor to GND.
4
GND
Ground
5PV
One-Time Programming Voltage. Connect PV to an 11V supply at the time the device is
programmed/locked, and bypass with a 22µF capacitor to GND. For normal operation, connect to
GND or leave floating.
6U/
D
Up/Down Control Input. When
CS is low, a low-to-high transition at U/D increments or decrements the
wiper position. See the Digital Interface Operation section.
7
L
Resistor Low Terminal
8
H
Resistor High Terminal
—EP
Exposed Pad (TDFN Only). Internally connected to GND. Connect to a large ground plane to
maximize thermal dissipation.
One-Time Programmable, Linear-Taper Digital
Potentiometers
_______________________________________________________________________________________
7


Similar Part No. - MAX5529

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX552 MAXIM-MAX552 Datasheet
99Kb / 12P
   3V/5V, 12-Bit, Serial, Multiplying DACs in 10-Pin 關MAX Package
MAX5520 MAXIM-MAX5520 Datasheet
446Kb / 10P
   MAX5535 Evaluation Kit
Rev 1; 4/08
MAX5521 MAXIM-MAX5521 Datasheet
446Kb / 10P
   MAX5535 Evaluation Kit
Rev 1; 4/08
MAX5522 MAXIM-MAX5522 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
19-3064; Rev 1; 12/04
MAX5522EUA MAXIM-MAX5522EUA Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04
More results

Similar Description - MAX5529

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401 Datasheet
96Kb / 17P
   Four linear-taper digitally programmable potentiometers
logo
Maxim Integrated Produc...
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
logo
Analog Devices
AD5173BRMZ2.5 AD-AD5173BRMZ2.5 Datasheet
864Kb / 24P
   256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
logo
Maxim Integrated Produc...
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
logo
Analog Devices
AD5172 AD-AD5172 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com