Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL35111 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL35111
Description  11.1Gb/s Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL35111 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL35111 Datasheet HTML 1Page - Intersil Corporation ISL35111 Datasheet HTML 2Page - Intersil Corporation ISL35111 Datasheet HTML 3Page - Intersil Corporation ISL35111 Datasheet HTML 4Page - Intersil Corporation ISL35111 Datasheet HTML 5Page - Intersil Corporation ISL35111 Datasheet HTML 6Page - Intersil Corporation ISL35111 Datasheet HTML 7Page - Intersil Corporation ISL35111 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FN6975.0
November 19, 2009
Pin Configuration
ISL35111
(16 LD QFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG. DWG. #
ISL35111DRZ-TS
5111
0 to +85
16 Ld QFN (7’’ 100 pcs.)
L16.3x3B
ISL35111DRZ-T7
5111
0 to +85
16 Ld QFN (7” 1k pcs.)
L16.3x3B
NOTES:
1. “-TS” and “-T7” suffix is for Tape and Reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL35111. For more information on MSL please
see techbrief TB363.
1
3
4
15
VDD
IN[P]
IN[N]
TDSBL
16
14
13
2
12
10
9
11
6
57
8
VDD
OUT[P]
OUT[N]
VDD
Pin Descriptions
PIN NAME PIN NUMBER
DESCRIPTION
VDD
1, 9, 12
Power supply. 1.2V supply voltage. The use of parallel 100pF and 10nF decoupling capacitors to
ground is recommended for each of these pins for broad high-frequency noise suppression.
IN[P,N]
2, 3
Driver differential input, CML. The use of 100nF low ESL/ESR MLCC capacitor with at least 6GHz
frequency response is recommended.
TDSBL
4
Transmit Disable pin. Disables the IC and enters a low power mode when pulled HIGH. Must be
externally pulled LOW for normal operation.
GND
5, 8, 13, 16
These pins must be grounded.
DE[A,B]
6, 7
Control pins for setting de-emphasis. CMOS logic inputs. Pins are read as a 3-digit number to set
the boost level. A is the MSB, and B is the LSB. Pins are internally pulled down through a 25kΩ
resistor.
OUT[N,P]
10, 11
Driver differential output, CML. The use of 100nF low ESL/ESR MLCC capacitor with at least 6GHz
frequency response is recommended.
LOS
14
LOS indicator. High output when Input signal is below DT threshold.
DT
15
Detection Threshold. Reference DC voltage threshold for input signal power detection. Data output
OUT[P,N] is muted when the power of the input signal IN[P,N] falls below the threshold. Tie to
ground to disable electrical idle preservation and always enable the output driver.
Exposed
Pad
-
Exposed pad. For proper electrical and thermal performance, this pad should be connected to the
PCB ground plane.
ISL35111


Similar Part No. - ISL35111

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL35111 INTERSIL-ISL35111 Datasheet
541Kb / 9P
11.1Gb/s Driver
logo
Renesas Technology Corp
ISL35111 RENESAS-ISL35111 Datasheet
864Kb / 9P
11.1Gb/s Driver
logo
Intersil Corporation
ISL35111DRZ-T7 INTERSIL-ISL35111DRZ-T7 Datasheet
541Kb / 9P
11.1Gb/s Driver
logo
Renesas Technology Corp
ISL35111DRZ-T7 RENESAS-ISL35111DRZ-T7 Datasheet
864Kb / 9P
11.1Gb/s Driver
logo
Intersil Corporation
ISL35111DRZ-TS INTERSIL-ISL35111DRZ-TS Datasheet
541Kb / 9P
11.1Gb/s Driver
More results

Similar Description - ISL35111

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL35111 INTERSIL-ISL35111_10 Datasheet
541Kb / 9P
11.1Gb/s Driver
logo
Renesas Technology Corp
ISL35111 RENESAS-ISL35111 Datasheet
864Kb / 9P
11.1Gb/s Driver
ISL36111 RENESAS-ISL36111 Datasheet
648Kb / 9P
11.1Gb/s Lane Extender
logo
Intersil Corporation
ISL36111 INTERSIL-ISL36111 Datasheet
299Kb / 8P
11.1Gb/s Lane Extender
QLX111GRX INTERSIL-QLX111GRX Datasheet
467Kb / 10P
11.1Gb/s Lane Extender
logo
Renesas Technology Corp
QLX111GRX RENESAS-QLX111GRX Datasheet
590Kb / 10P
11.1Gb/s Lane Extender
logo
TriQuint Semiconductor
TGA4947-SL TRIQUINT-TGA4947-SL Datasheet
323Kb / 1P
Dual channel 40Gb/s & 100Gb/s Modulator Driver
TQP5115 TRIQUINT-TQP5115 Datasheet
204Kb / 1P
11.3 Gb/s EML Driver
logo
Zarlink Semiconductor I...
PX6419 ZARLINK-PX6419 Datasheet
226Kb / 3P
12x10 Gb/s VCSEL Driver
logo
TriQuint Semiconductor
TGA4840-SM TRIQUINT-TGA4840-SM Datasheet
287Kb / 1P
28Gb/s CFP2 Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com