Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL35111 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL35111
Description  11.1Gb/s Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL35111 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL35111 Datasheet HTML 1Page - Intersil Corporation ISL35111 Datasheet HTML 2Page - Intersil Corporation ISL35111 Datasheet HTML 3Page - Intersil Corporation ISL35111 Datasheet HTML 4Page - Intersil Corporation ISL35111 Datasheet HTML 5Page - Intersil Corporation ISL35111 Datasheet HTML 6Page - Intersil Corporation ISL35111 Datasheet HTML 7Page - Intersil Corporation ISL35111 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
11.1Gb/s Driver
ISL35111
The ISL35111 is a de-emphasis driver with extended
functionality for advanced protocols operating with line
rates up to 11.1Gbps such as 10G Ethernet. The
ISL35111 is a high-speed driver/limiting amplifier with
built-in de-emphasis to drive twin-axial copper cables
and compensate for the frequency dependent
attenuation of PCB traces such as the SFI channel in the
10G SFP+ specification (SFF-8431).
Used in conjunction with Intersil’s ISL36111 receive-side
equalizer, ISL35111 enables active copper cable
assemblies that support 10G serial data transmission
over >15m of twin-axial copper cables.
Operating on a single 1.2V power supply, the ISL35111
enables channel throughputs of 10Gbps to 11.1Gbps
while supporting lower data rates including 8.5, 6.25, 5,
4.25, 3.125, and 2.5Gb/s. The QL111VTx uses current
mode logic (CML) input/output and is packaged in a
3mmx3mm 16 lead QFN.
Features
• Supports data rates up to 11.1Gbps
•Low power (85mW typical)
• Low latency (<500ps)
• Adjustable output de-emphasis
• Single channel driver in a 3mmx3mm QFN package
for straight route-through architecture and simplified
routing
• Supports 64b/66b encoded data – long run lengths
• Line silence preservation
• 1.2V supply voltage
• TX_Disable and TX_LOS
Applications
• Active copper cable modules (SFP+, QSFP, CXP, etc)
• Optical transceiver modules (SFP+, QSFP, CXP, etc)
•10G Ethernet
• 40G/100G Ethernet
•Fibre Channel
• High-speed active cable assemblies
• High-speed printed circuit board (PCB) traces
Benefits
• Thinner gauge cable
• Extends cable reach greater than 3x
•Improved BER
Typical Application Diagram
QLx111VRx
1.2V
LOS
CP-A
Vdd
0.1mF
IN [P]
OUT [P]
DT
CP-B
IN [N]
OUT [N]
0.1mF
0.1mF
IN [N]
Vdd
OUT [N]
OUT [P]
IN [P]
DT
LOS
DE-B
0.1mF
QLx111VTx
DE-A
1.2V
0.1mF
0.1mF
TDSBL GND
GND
FIGURE 1. TYPICAL CABLE APPLICATION DIAGRAM
ISL35111
ISL36111
November 19, 2009
FN6975.0


Similar Part No. - ISL35111

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL35111 INTERSIL-ISL35111 Datasheet
541Kb / 9P
11.1Gb/s Driver
logo
Renesas Technology Corp
ISL35111 RENESAS-ISL35111 Datasheet
864Kb / 9P
11.1Gb/s Driver
logo
Intersil Corporation
ISL35111DRZ-T7 INTERSIL-ISL35111DRZ-T7 Datasheet
541Kb / 9P
11.1Gb/s Driver
logo
Renesas Technology Corp
ISL35111DRZ-T7 RENESAS-ISL35111DRZ-T7 Datasheet
864Kb / 9P
11.1Gb/s Driver
logo
Intersil Corporation
ISL35111DRZ-TS INTERSIL-ISL35111DRZ-TS Datasheet
541Kb / 9P
11.1Gb/s Driver
More results

Similar Description - ISL35111

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
PX6419 ZARLINK-PX6419 Datasheet
226Kb / 3P
12x10 Gb/s VCSEL Driver
logo
Intersil Corporation
ISL36111 INTERSIL-ISL36111 Datasheet
299Kb / 8P
11.1Gb/s Lane Extender
QLX111GRX INTERSIL-QLX111GRX Datasheet
467Kb / 10P
11.1Gb/s Lane Extender
ISL35111 INTERSIL-ISL35111_10 Datasheet
541Kb / 9P
11.1Gb/s Driver
logo
TriQuint Semiconductor
TGA4947-SL TRIQUINT-TGA4947-SL Datasheet
323Kb / 1P
Dual channel 40Gb/s & 100Gb/s Modulator Driver
TGA4840-SM TRIQUINT-TGA4840-SM Datasheet
287Kb / 1P
28Gb/s CFP2 Modulator Driver
TQP5115 TRIQUINT-TQP5115 Datasheet
204Kb / 1P
11.3 Gb/s EML Driver
logo
Renesas Technology Corp
ISL36111 RENESAS-ISL36111 Datasheet
648Kb / 9P
11.1Gb/s Lane Extender
ISL35111 RENESAS-ISL35111 Datasheet
864Kb / 9P
11.1Gb/s Driver
QLX111GRX RENESAS-QLX111GRX Datasheet
590Kb / 10P
11.1Gb/s Lane Extender
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com