Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72916 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 72916
Description  4mm Banana Jack to 2mm Banana Jack Adapter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

72916 Datasheet(HTML) 1 Page - Pomona Electronics

  72916 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Models 72916
4mm Banana Jack to 2mm Banana Jack Adapter
USA:
Sales: 800-490-2361 Technical Support: 800-241-
2060 Fax: 888-403-3360
Europe:
31-(0) 40 2675 150
International
: 425-446-5500
e-mail:
technicalsupport@pomonatest.com
Where to Buy:
www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.
Copyright © 2004 2/2006 729116 Rev A
Page 1 of 1
Features
4mm banana jack to 2mm banana jack adapter
Adapts 2mm to 4mm safety-sheathed banana
plugs
Rating: 33 Vac / 70 Vdc, 10A
Materials
Insulation: Polyamide
Plug body: Nickel plated Brass
Ordering Information
Model:72916- Color Sold in packages of 10 pieces
Available colors: Black (-0) or Red (-2)
Specifications
Max Current
Max. 10A
Max Voltage
33 V AC / 70 V DC
Temperature
-20˚ C + 80˚ C
Max Resistance
Less than 0 .8 mΩ
Rating: hands free testing in controlled environment:
70Vrms max. For CE compliance: Not intended for hand-
held use at voltages above 33Vrms/70Vdc


Similar Part No. - 72916

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
729164 ADELS-729164 Datasheet
122Kb / 1P
AC 169 RVKB M25
30/12/2019
More results

Similar Description - 72916

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2477 POMONA-2477 Datasheet
25Kb / 1P
Miniature Banana Jack To Standard Banana Plug Adapter
2952 POMONA-2952 Datasheet
24Kb / 1P
Adapter - Standard Double Banana Jack To Miniature Double Banana Plug
3834 POMONA-3834 Datasheet
24Kb / 1P
Banana Jack To Pin Jack Adapter
5935 POMONA-5935 Datasheet
24Kb / 1P
2MM Insulated Banana Jack
6387 POMONA-6387 Datasheet
147Kb / 1P
Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
72914 POMONA-72914 Datasheet
119Kb / 1P
4mm Safety Banana Jack to 2mm Banana Plug Adapter
72917 POMONA-72917 Datasheet
70Kb / 1P
4mm Banana Plug to 2mm Sheathed Banana Jack Adapter
logo
3M Electronics
6728-0 3M-6728-0 Datasheet
48Kb / 1P
Adapter, Standard Sheath Banana Jack to Non-Sheath Banana Plug
logo
List of Unclassifed Man...
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
4mm banana jack to 2mm banana jack adapter
logo
Pomona Electronics
6387-ST-T-0 POMONA-6387-ST-T-0 Datasheet
47Kb / 2P
Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com