Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72912 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 72912
Description  Panel Mt IEC1010 Banana Jacks for Sheathed Plugs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

72912 Datasheet(HTML) 1 Page - Pomona Electronics

  72912 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Models 72912
Panel Mt IEC1010 Banana Jacks for Sheathed Plugs
USA: Sales: 800-490-2361 Technical Support: 800-241-
2060
Fax: 888-403-3360
Europe: 31-(0) 40 2675 150
International: 425-446-5500
e-mail: technicalsupport@pomonatest.com
Where to Buy: www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.
Copyright © 2004 1/2006
72912 Rev A
Page 1 of 1 Page 1 of 1
Features
Panel Mt IEC1010 4mm (0.16in) jack for
sheathed banana plugs, threaded stud.
Materials
Body: Polyamide.
Nut: Nickel plated
Pin: Gold plated Nickel brass.
Pin hex nuts: Gold Plated brass
Ordering Information
Model: 72912-Color sold in packages of 10 pieces.
Available colors: Black (-0), Red (-2)
Specifications
Max Current
36A
Max Voltage
1000 V CAT III
M4 x 0.7 nut: Screwing torque nuts 30Ncm Max.


Similar Part No. - 72912

ManufacturerPart #DatasheetDescription
logo
Heyco.
7291 HEYCO-7291 Datasheet
132Kb / 1P
   Female Pin Connectors
logo
Pomona Electronics
72910 POMONA-72910 Datasheet
70Kb / 1P
   IEC Insulated BNC (M) to 2 male banana 4 mm plugs
72911 POMONA-72911 Datasheet
71Kb / 1P
   IEC Insulated BNC (F) to 2 male banana 4 mm plugs
72913 POMONA-72913 Datasheet
128Kb / 1P
   Panel Mt IEC61010 4mm (0.16in) Jack for Sheathed Banana Plugs
72914 POMONA-72914 Datasheet
119Kb / 1P
   4mm Safety Banana Jack to 2mm Banana Plug Adapter
More results

Similar Description - 72912

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72930 POMONA-72930 Datasheet
92Kb / 1P
   Panel Mt IEC1010 4mm (0.16in) jack for Sheathed Plugs
72913 POMONA-72913 Datasheet
128Kb / 1P
   Panel Mt IEC61010 4mm (0.16in) Jack for Sheathed Banana Plugs
6387 POMONA-6387 Datasheet
147Kb / 1P
   Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
6387-ST-T-0 POMONA-6387-ST-T-0 Datasheet
47Kb / 2P
   Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
5931 POMONA-5931 Datasheet
70Kb / 1P
   Panel Mount 4mm Banana Jack For Sheathed Plugs
4934 POMONA-4934 Datasheet
43Kb / 1P
   Do-It-Yourself In-Line Sheathed Banana Jacks
5907A POMONA-5907A Datasheet
117Kb / 2P
   Flexible DMM Test Lead Set with Sheathed Style Banana Plugs
logo
Amphenol Corporation
903-288P-52A AMPHENOL-903-288P-52A Datasheet
61Kb / 1P
   Plugs & Jacks
logo
List of Unclassifed Man...
NP2X ETC2-NP2X Datasheet
4Mb / 23P
   Plugs & Jacks
P252100 ETC2-P252100 Datasheet
211Kb / 2P
   LEAD 4MM STACKING SHEATHED PLUGS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com