Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72910 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 72910
Description  IEC Insulated BNC (M) to 2 male banana 4 mm plugs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

72910 Datasheet(HTML) 1 Page - Pomona Electronics

  72910 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Models 72910
IEC Insulated BNC (M) to 2 male banana 4 mm plugs
USA: Sales: 800-490-2361 Technical Support: 800-241-
2060
Fax: 888-403-3360
Europe: 31-(0) 40 2675 150
International: 425-446-5500
e-mail: technicalsupport@pomonatest.com
Where to Buy: www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.
Copyright © 2004 1/24/06
72910 Rev A
Page 1 of 1 Page 1 of
Features
IEC Insulated BNC (M) to 2 male banana 4 mm
plugs
Adapter converts Double banana Jack Test
Instruments to BNC configuration for added
shielding.
Rating: 500V Cat I, 150V Cat II
Materials
Connector body: Nickel plated Brass
Center Contact: Gold Plated Brass
Dielectric: White PTFE
Insulation: Polyamide
Plug spring: Nickel plated bronze Beryllium
copper.
Plug Body: Nickel plated Brass
Plug Insulation: Polysulfone
Ordering Information
Model: 72910
Specifications
Max Current
3A
Max Voltage
500V CAT I,
150V CATII


Similar Part No. - 72910

ManufacturerPart #DatasheetDescription
logo
Heyco.
7291 HEYCO-7291 Datasheet
132Kb / 1P
   Female Pin Connectors
logo
Pomona Electronics
72911 POMONA-72911 Datasheet
71Kb / 1P
   IEC Insulated BNC (F) to 2 male banana 4 mm plugs
72912 POMONA-72912 Datasheet
106Kb / 1P
   Panel Mt IEC1010 Banana Jacks for Sheathed Plugs
72913 POMONA-72913 Datasheet
128Kb / 1P
   Panel Mt IEC61010 4mm (0.16in) Jack for Sheathed Banana Plugs
72914 POMONA-72914 Datasheet
119Kb / 1P
   4mm Safety Banana Jack to 2mm Banana Plug Adapter
More results

Similar Description - 72910

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72911 POMONA-72911 Datasheet
71Kb / 1P
   IEC Insulated BNC (F) to 2 male banana 4 mm plugs
3957 POMONA-3957 Datasheet
50Kb / 1P
   BNC (Male) to Multi-Stacking Banana Plugs
5268 POMONA-5268 Datasheet
28Kb / 1P
   BNC (Male) To Single Stackable Banana Plugs
logo
List of Unclassifed Man...
BU-5120-A-4-0 ETC2-BU-5120-A-4-0 Datasheet
169Kb / 1P
   BNC Male Breakout to Stackable Single Banana Plugs
logo
Pasternack Enterprises,...
PE9904 PASTERNACK-PE9904 Datasheet
111Kb / 1P
   BREAKOUT, BNC MALE TO MINIATURE STACKING BANANA PLUGS
PE9903 PASTERNACK-PE9903 Datasheet
254Kb / 1P
   BREAKOUT, BNC MALE TO STANDARD STACKING BANANA PLUGS
logo
Pomona Electronics
72927 POMONA-72927 Datasheet
180Kb / 1P
   Insulated BNC (M) / 4mm Plugs
3966 POMONA-3966 Datasheet
27Kb / 1P
   BNC (Female) To Miniature Banana Plugs
72909 POMONA-72909 Datasheet
95Kb / 1P
   IEC Insulated BNC (F) to stackable/retractable 4 mm
72908 POMONA-72908 Datasheet
93Kb / 1P
   IEC Insulated BNC (M) to stackable/retractable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com