Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5514 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 5514
Description  SOIC Clip Test Clip Kit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5514 Datasheet(HTML) 1 Page - Pomona Electronics

  5514 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90766 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
C:\Laura Goldberg\FlukeDataSheet\d5514_1_01.doc
Page 1 of
1
Model 5514
SOIC Clip Test Clip Kit
8, 14, 16, 20, 24 & 28 Leads
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
These new test clips are designed especially for in-
circuit testing on Small Outline Integrated Circuits
(SOIC & SOJ). The SOIC Clip test clip assures a
positive connection to all chip leads and provides
hands-free testing.
• Upper contacts are .025” sq. pins, spaced at .100”.
Pins are perfect for sq. pin receptacles, wire-wrap
or jumper leads.
• Gold plated lower contacts assure reliable, noise
free connections.
• Molded barriers between each contact allow
connections to be made on live boards without
accidental shorting to adjacent chip leads.
Fits surface mounted SOIC and SOJ chips with gull
wing or “J” leads and body width from .150” to .350”
wide.
ORDERING INFORMATION: Model 5514 Kit
Containing 6 SOIC Clips with case.
5250 – 8 Lead Clip, 5251 – 14 Lead Clip, 5252 – 16
Lead Clip, 5253 – 20 Lead Clip, 5254 – 24 Lead Clip,
5437 – 28 Lead Clip See
See Pomona Access 90320 for more details


Similar Part No. - 5514

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5514 SUMIDA-5514 Datasheet
382Kb / 3P
Wire Wound Chip Inductors
logo
Mallory performance clu...
5514 MALLORY-5514 Datasheet
409Kb / 1P
Ford Modular Coil-on-Plug
logo
List of Unclassifed Man...
5514 ETC-5514 Datasheet
31Kb / 1P
High Current RF Chokes
logo
Alpha Wire
5514 ALPHAWIRE-5514 Datasheet
410Kb / 4P
20 (10/30) AWG Tinned Copper
logo
Bourns Electronic Solut...
5514-RC BOURNS-5514-RC Datasheet
469Kb / 1P
High Current Chokes
More results

Similar Description - 5514

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4225 POMONA-4225 Datasheet
21Kb / 1P
Maxigrabber Test Clip
4233 POMONA-4233 Datasheet
55Kb / 2P
Test Clip Kits
4521 POMONA-4521 Datasheet
13Kb / 1P
Test Clip
5413 POMONA-5413 Datasheet
25Kb / 1P
14 Pin SOIC Clip Test Clip
5418 POMONA-5418 Datasheet
79Kb / 2P
Minipincer Test Clip
5790 POMONA-5790 Datasheet
37Kb / 1P
Rotating Micrograbber Test Clip & Kit
6107 POMONA-6107 Datasheet
39Kb / 1P
32 Pin SOIC Clip Test Clip
6108 POMONA-6108 Datasheet
38Kb / 1P
40 In. SOIC Clip Test Clip
6109 POMONA-6109 Datasheet
38Kb / 1P
44 Pin SOIC Clip Test Clip
4565-0 POMONA-4565-0 Datasheet
21Kb / 1P
Maxigrabber짰 Test Clip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com