Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5295 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 5295
Description  Low Voltage Retractable Sheath Banana Plug To Spade Lug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5295 Datasheet(HTML) 1 Page - Pomona Electronics

  5295 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifi cations are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90814 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
C:\Laura Goldberg\FlukeDataSheet\d5295_1_01.doc
Page 1 of
1
Model 5295
Low Voltage Retractable Sheath
Banana Plug To Spade Lug
Sales: 800-490-2361 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Model 5295 is part of a family of test accessories ideal for low voltage precision measurements.
• Designed to greatly minimizes the effect of Thermal Electric Voltage (Thermal EMF). Therma1 EMF is generated at
the junction of dissimilar metals at different temperatures and is a common source of error in low micro and nano volt
measurements.
• Banana plug materials feature gold plated Tellurium Copper body and gold plated Beryllium Copper spring for low
thermal EMF.
• Spade lug is of high conductivity Electrolytic Tough Pitch (ETP), 110 Copper Alloy.
• Banana plug is designed with retractable sheaths for versatile use in safety sheathed or non-sheathed jacks.
• Banana plugs are attached to low resistance multi-stranded 12 gauge wire.
MATERIALS:
Retractable Sheath Banana Plug:
Plug Body - Tellurium Copper, gold plated
Plug Spring - Beryllium Copper, gold plated
Tip - Nylon 6, color matches wire.
Compression Spring - Stainless steel
Insulation - Nylon 6, Color matches wire.
Wire: 12 AWG; Stranding 7 x 38/36 Bare Copper, PVC Insulated, .144” (3,66 mm) O.D.
Marking: “Model 5295-XX-*”
Spade Lug: Electrolytic Tough Pitch (ETP), 110 Copper Alloy, ½ Hard, Gold Plated
Insulation: Polypropylene molded to spade lug body and wire, color matches wire.
RATINGS:
Operating Temperature: +55° C (+131°F) Max.
Operating Voltage: 1000 VRMS/DC
Current: 7 Amperes. Continuous
ORDERING INFORMATION: 5295-XX-* , XX = Length in inches. * = Color, Std. Colors: -0 Black, -2 Red
Standard lengths in inches: 36” (91,44 cm). Additional lengths can be quoted upon request.


Similar Part No. - 5295

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529519 FESTO-529519 Datasheet
84Kb / 2P
Soft start valve
3/31/22
529521 FESTO-529521 Datasheet
85Kb / 2P
Soft start valve
3/31/22
529531 FESTO-529531 Datasheet
83Kb / 1P
Soft start valve
3/31/22
529532 FESTO-529532 Datasheet
83Kb / 1P
Soft start valve
3/31/22
529533 FESTO-529533 Datasheet
83Kb / 1P
Soft start valve
3/31/22
More results

Similar Description - 5295

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4911A POMONA-4911A Datasheet
329Kb / 2P
Retractable Sheath Banana Plug Patch Cord
5343 POMONA-5343 Datasheet
61Kb / 1P
Retractable Sheath Banana To BNC Male
5291A POMONA-5291A Datasheet
155Kb / 1P
Low Thermal EMF Retractable Sheath Banana Plug Patch Cord
3777A POMONA-3777A Datasheet
64Kb / 1P
Spade Lug to Banana Jack
3744A POMONA-3744A Datasheet
64Kb / 1P
Spade Lug to Banana Jack
logo
3M Electronics
6728-0 3M-6728-0 Datasheet
48Kb / 1P
Adapter, Standard Sheath Banana Jack to Non-Sheath Banana Plug
logo
Pomona Electronics
6728 POMONA-6728 Datasheet
48Kb / 1P
Adapter, Standard Sheath Banana Jack to Non-Sheath Banana Plug
1614A POMONA-1614A Datasheet
27Kb / 1P
Spade Lug to Insulated Banana Jack
6729 POMONA-6729 Datasheet
142Kb / 3P
Sheath Banana Plug
logo
List of Unclassifed Man...
BU-P122505-0 ETC2-BU-P122505-0 Datasheet
306Kb / 1P
Retractable Banana Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com