Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5291A Datasheet(PDF) 1 Page - Pomona Electronics

Part # 5291A
Description  Low Thermal EMF Retractable Sheath Banana Plug Patch Cord
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

5291A Datasheet(HTML) 1 Page - Pomona Electronics

  5291A Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model 5291A
Low Thermal EMF Retractable Sheath
Banana Plug Patch Cord
USA: Sales: 800-490-2361
Technical Support: technicalsupport@pomonatest.com
Fax: 425-446-5844
Europe: 31-(0) 40 2675 150
International: 425-446-5500
Where to Buy: www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (.51 mm),
.xxx = ± .005” (.127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.
D1094414 REV102
Copyright © 2007 11/25/2007
Page
1 of 1
Retractable Sheath
Insulated Tip
MATERIALS:
Retractable Sheath Banana Plug:
Plug Body: Gold Plated Tellurium Copper
Banana Spring: Gold Plated Beryllium Copper
Compression Spring: Stainless Steel
Tip: Polypropylene, Color Matches Color of Wire
Insulation:
Polypropylene, Molded to the Plug and Wire. Color Matches Color of Wire.
Wire:
12 AWG, Stranding 10 x 26/36 Bare Copper, PVC Insulated, .144” (3,66mm) O.D.
RATINGS:
Operating Temperature: +131° F (+55° C) Max
Operating Voltage: 1000V Category III, IEC1010-2-031
Current: 7 Amperes
ORDERING INFORMATION:
Model 5291A-Length-Color
Length = 36” (91.44cm) & 60” (152.4cm)
Color = -0 (Black), -2 (Red)
Ordering Example: 5291A-36-2 Patch Cord is in 36” and Red


Similar Part No. - 5291A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529144 FESTO-529144 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529145 FESTO-529145 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529146 FESTO-529146 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529148 FESTO-529148 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529149 FESTO-529149 Datasheet
88Kb / 2P
Filter regulator
2/10/22
More results

Similar Description - 5291A

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4911A POMONA-4911A Datasheet
329Kb / 2P
Retractable Sheath Banana Plug Patch Cord
5295 POMONA-5295 Datasheet
26Kb / 1P
Low Voltage Retractable Sheath Banana Plug To Spade Lug
5343 POMONA-5343 Datasheet
61Kb / 1P
Retractable Sheath Banana To BNC Male
6727 POMONA-6727 Datasheet
143Kb / 2P
Patch Cable, Multi-Stacking Sheath Banana Plug
6729 POMONA-6729 Datasheet
142Kb / 3P
Sheath Banana Plug
logo
List of Unclassifed Man...
BU-P122505-0 ETC2-BU-P122505-0 Datasheet
306Kb / 1P
Retractable Banana Plug
logo
3M Electronics
6728-0 3M-6728-0 Datasheet
48Kb / 1P
Adapter, Standard Sheath Banana Jack to Non-Sheath Banana Plug
logo
Pomona Electronics
6728 POMONA-6728 Datasheet
48Kb / 1P
Adapter, Standard Sheath Banana Jack to Non-Sheath Banana Plug
1081-18-0 POMONA-1081-18-0 Datasheet
26Kb / 1P
Miniature Stacking Banana Plug Patch Cord
1081 POMONA-1081 Datasheet
26Kb / 1P
Miniature Stacking Banana Plug Patch Cord
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com