Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4850 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 4850
Description  SMA Female Panel Receptacle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

4850 Datasheet(HTML) 1 Page - Pomona Electronics

  4850 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Made in USA
6/9/99
PomonaACCESS 90279
(800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
C:\Laura Goldberg\FlukeDataSheet\d4850_1_01.doc
Page 1 of
2
Model 4850
SMA Female Panel Receptacle
Sales:800-490-2361
Fax: 888-403-3360
Technical Assistance: 800-241-2060
MATERIALS:
Body and Fittings – Stainless Steel
Center Contact – Beryllium Copper
Dielectric – Teflon
Finish: Body and Center Contact – Gold Plated
RATINGS:
Operating Temperature: -65°C (-85°F) to +165°C (+329°F)
Operating Voltage: 335 VRMS
Nominal Impedance: 50 Ohms
Frequency Range; DC to 18 GHz
Connectors meet the interface requirement of MIL-C-39012
ORDERING INFORMATION: Model 4850


Similar Part No. - 4850

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4850 ETC2-4850 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
4850 ETC2-4850 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
logo
Schurter Inc.
4850.1310 SCHURTER-4850.1310 Datasheet
223Kb / 2P
4850, 3-pole, Plug, solder terminal, DIN Plug/Socket
4850.1310 SCHURTER-4850.1310 Datasheet
227Kb / 2P
4850, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.1310 SCHURTER-4850.1310 Datasheet
221Kb / 2P
4850, 3-pole, Socket, PCB terminals, DIN Plug/Socket
More results

Similar Description - 4850

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2451 POMONA-2451 Datasheet
21Kb / 1P
BNC Female Panel Receptacle
logo
Pasternack Enterprises,...
PE4000-SF PASTERNACK-PE4000-SF Datasheet
79Kb / 1P
SMA FEMALE, 4HOLE PANEL MOUNT
logo
Adam Technologies, Inc.
RF2-15-T-11-50-G ADAM-TECH-RF2-15-T-11-50-G Datasheet
909Kb / 1P
SMA RECEPTACLE PANEL MOUNT
RF2-18-T-11-50 ADAM-TECH-RF2-18-T-11-50 Datasheet
3Mb / 1P
SMA PANEL RECEPTACLE JACK
logo
Huber+Suhner, Inc.
23_SMA-50-0-11111_N HUBERSUHNER-23_SMA-50-0-11111_N Datasheet
207Kb / 2P
COAXIAL CONNECTOR, SMA, 50 Ohm, Straight panel receptacle, jack (female), flange mount
23_SMA-50-0-167199_N HUBERSUHNER-23_SMA-50-0-167199_N Datasheet
220Kb / 2P
COAXIAL CONNECTOR, SMA, 50 Ohm, Straight panel receptacle, jack (female), flange mount
23_SMA-50-0-168199_N HUBERSUHNER-23_SMA-50-0-168199_N Datasheet
190Kb / 2P
COAXIAL CONNECTOR, SMA, 50 Ohm, Straight panel receptacle, jack (female), flange mount
23_SMA-50-0-255199_N HUBERSUHNER-23_SMA-50-0-255199_N Datasheet
207Kb / 2P
COAXIAL CONNECTOR, SMA, 50 Ohm, Straight panel receptacle, jack (female), flange mount
23_SMA-50-0-3111_N HUBERSUHNER-23_SMA-50-0-3111_N Datasheet
281Kb / 2P
COAXIAL CONNECTOR, SMA, 50 Ohm, Straight panel receptacle, jack (female), flange mount
23_SMA-50-0-53199_N HUBERSUHNER-23_SMA-50-0-53199_N Datasheet
861Kb / 2P
COAXIAL CONNECTOR, SMA, 50 Ohm, Straight panel receptacle, jack (female), flange mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com